Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
ISO7821, ISO7821F
SLLSEM2F – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7821 ISO7821F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 5
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ..................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 7
6.5
Power Dissipation Characteristics ............................ 7
6.6
Electrical Characteristics, 5 V ................................... 8
6.7
Electrical Characteristics, 3.3 V ................................ 9
6.8
Electrical Characteristics, 2.5 V .............................. 10
6.9
Switching Characteristics, 5 V ................................ 11
6.10
Switching Characteristics, 3.3 V ........................... 11
6.11
Switching Characteristics, 2.5 V ........................... 12
6.12
Typical Characteristics .......................................... 13
7
Parameter Measurement Information ................ 14
8
Detailed Description ............................................ 16
8.1
Overview ................................................................. 16
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 21
9
Applications and Implementation ...................... 23
9.1
Application Information............................................ 23
9.2
Typical Application .................................................. 23
10
Power Supply Recommendations ..................... 25
11
Layout................................................................... 26
11.1
PCB Material ......................................................... 26
11.2
Layout Guidelines ................................................. 26
11.3
Layout Example .................................................... 26
12
Device and Documentation Support ................. 27
12.1
Documentation Support ........................................ 27
12.2
Related Links ........................................................ 27
12.3
Community Resources.......................................... 27
12.4
Trademarks ........................................................... 27
12.5
Electrostatic Discharge Caution ............................ 27
12.6
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2015) to Revision F
Page
•
Changed the Safety and Regulatory Approvals list of Features ........................................................................................... 1
•
Added Features "TUV Certification per EN 61010-1 and EN 60950-1" ................................................................................ 1
•
Changed text in the first paragraph of the Description From: "certifications according to VDE, CSA, and CQC". To:
"certifications according to VDE, CSA, CQC, and TUV." ...................................................................................................... 1
•
Added Note 1 to Table 2 ..................................................................................................................................................... 18
•
Added TUV to the Regulatory Information section and Table 4. Deleted Note 1 in Table 4 .............................................. 19
•
Changed Figure 15 .............................................................................................................................................................. 22
Changes from Revision D (July 2015) to Revision E
Page
•
Changed Features From: 8000 VPK VIOTM and 2121 VPK VIORM Reinforced..To: 8000 VPK Reinforced.................................. 1
•
Added Features: DW Package Certifications Complete; DWW Certifications Planned ........................................................ 1
•
Added text to the Description: and extra-wide body (DWW) packages... .............................................................................. 1
•
Added package: Extra wide SOIC, DWW (16) to the Device Information table .................................................................... 1
•
Added the DWW pinout image .............................................................................................................................................. 5
•
Added the DWW package to the Thermal Information .......................................................................................................... 7
•
Changed the MIN value of CMTI in Electrical Characteristics, 5 V table From: 70 To: 100 kV/µs, deleted the TYP
value of 100 kV/µs ................................................................................................................................................................. 8
•
Added the DW package value to the Supply Current section of the Electrical Characteristics, 5 V ...................................... 8
•
Added the DWW package value to the Supply Current section of the Electrical Characteristics, 5 V .................................. 8
•
Changed the MIN value of CMTI in Electrical Characteristics, 3.3 V table From: 70 To: 100 kV/µs, deleted the TYP
value of 100 kV/µs ................................................................................................................................................................. 9
•
Added the DW package value to the Supply Current section of the Electrical Characteristics, 3.3 V ................................... 9
•
Added the DWW package value to the Supply Current section of the Electrical Characteristics, 3.3 V .............................. 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com