Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
ISO7821, ISO7821F
SLLSEM2F – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7821 ISO7821F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Changes from Revision A (December 2014) to Revision B
Page
•
Changed the document title From: "Channel Digital Isolator" To: "Channel 1/1 Digital Isolator" .......................................... 1
•
Added Features: 2.25 V to 5.5 V Level Translation ............................................................................................................... 1
•
Changed the Safety and Regulatory Approvals list of Features ........................................................................................... 1
•
Changed text in the Description From: "This device is being reviewed for reinforced isolation certification by VDE
and CSA. To: "This device has reinforced isolation certifications according to VDE, CSA, and CQC." ................................ 1
•
Added Note (3) to the Absolute Maximum Ratings
(1) table .................................................................................................... 6
•
Changed From: VCCX To: VCCO In IOH and IOL of the Recommended Operating Conditions table ........................................ 6
•
Changed From: VCCX To: VCCI In VIH and VIL of the Recommended Operating Conditions table ......................................... 6
•
Changed Note (1) of the Recommended Operating Conditions table ................................................................................... 6
•
Added the Power Dissipation Characteristics table ............................................................................................................... 7
•
Changed From: VCCX To: VCCO In VOH of the Electrical Characteristics, 5 V table ................................................................ 8
•
Changed From: VCCX To: VCCO In VI(HYS) of the Electrical Characteristics, 5 V table ............................................................ 8
•
Changed From: VCCX To: VCCI In IIH of the Electrical Characteristics, 5 V table .................................................................... 8
•
Changed From: VCCX To: VCCI In CMTI of the Electrical Characteristics, 5 V table .............................................................. 8
•
Changed From: VCCX To: VCCI In Supply Current, DC Signal of the Electrical Characteristics, 5 V table.............................. 8
•
Changed Note (1) of the Electrical Characteristics, 5 V table ............................................................................................... 9
•
Changed From: VCCX To: VCCO In VOH of the Electrical Characteristics, 3.3 V table ............................................................. 9
•
Changed From: VCCX To: VCCO In VI(HYS) of the Electrical Characteristics, 3.3 V table ......................................................... 9
•
Changed From: VCCX To: VCCI In IIH of the Electrical Characteristics, 3.3 V table.................................................................. 9
•
Changed From: VCCX To: VCCI In CMTI of the Electrical Characteristics, 3.3 V table ........................................................... 9
•
Changed From: VCCX To: VCCI In Supply Current, DC Signal of the Electrical Characteristics, 3.3 V table .......................... 9
•
Changed Note (1) of the Electrical Characteristics, 3.3 V table .......................................................................................... 10
•
Changed From: VCCX To: VCCO In VOH of the Electrical Characteristics, 2.5 V table ........................................................... 10
•
Changed From: VCCX To: VCCI In IIH of the Electrical Characteristics, 2.5 V table ............................................................... 10
•
Changed From: VCCX To: VCCI In Supply Current, DC Signal of the Electrical Characteristics, 2.5 V table ........................ 10
•
Changed Note (1) of the Electrical Characteristics, 2.5 V table .......................................................................................... 11
•
Changed Figure 7 ................................................................................................................................................................ 14
•
Changed From: VCC1 To: VCCI in Figure 9 ........................................................................................................................... 15
•
Changed Figure 10 .............................................................................................................................................................. 15
•
Changed the Test Condition of CTI in Table 1 .................................................................................................................... 17
•
Changed the MIN value of CTI From" > 600 V To: 600 V.................................................................................................... 17
•
Changed Table 2 title From: DIN V VDE 0884-10 (VDE V 0884-10) and UL 1577 Insulation Characteristics To:
Added the DWW package to ................................................................................................................................................ 18
•
Changed Table 2 ................................................................................................................................................................. 18
•
Changed columns VDE and CSA to Table 4 ....................................................................................................................... 19
•
Changed title From: IEC Safety Limiting Values To: Safety Limiting Values ....................................................................... 20
•
Changed the table in Safety Limiting Values, added IS DW-16 package options ................................................................ 20
•
Changed Figure 13 .............................................................................................................................................................. 20
•
Deleted INPUT-SIDE and OUTPUT-SIDE from columns 1 and 2 of Table 6 ..................................................................... 21
•
Changed Note (1) of Table 6 ............................................................................................................................................... 21
•
Changed the Application Information section ....................................................................................................................... 23
•
Changed the Typical Application section and Figure 16 ...................................................................................................... 23
•
Added text and Figure 17 to the Detailed Design Procedure section ................................................................................. 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com