Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7821
Description  High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 16Page - Texas Instruments ISO7821 Datasheet HTML 17Page - Texas Instruments ISO7821 Datasheet HTML 18Page - Texas Instruments ISO7821 Datasheet HTML 19Page - Texas Instruments ISO7821 Datasheet HTML 20Page - Texas Instruments ISO7821 Datasheet HTML 21Page - Texas Instruments ISO7821 Datasheet HTML 22Page - Texas Instruments ISO7821 Datasheet HTML 23Page - Texas Instruments ISO7821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
ISO7821, ISO7821F
SLLSEM2F – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7821 ISO7821F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.3.1.1 Regulatory Information
DW package certifications are complete; DWW package certifications completed for UL and TUV and planned for
VDE, CSA, and CQC.
Table 4. Regulatory Information
VDE
CSA
UL
CQC
TUV
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-
12 and DIN EN 60950-1
(VDE 0805 Teil 1):2011-
01
Approved under CSA
Component Acceptance
Notice 5A, IEC 60950-1
and IEC 60601-1
Recognized under UL
1577 Component
Recognition Program
Certified according to
GB 4943.1-2011
Certified according to
EN 61010-1:2010 (3rd Ed) and
EN 60950-1:2006/A11:2009/
A1:2010/A12:2011/A2:2013
Reinforced insulation
Maximum transient
isolation voltage, 8000
VPK;
Maximum repetitive peak
isolation voltage, 2121
VPK (DW), 2828 VPK
(DWW);
Maximum surge isolation
voltage, 8000 VPK
Reinforced insulation per
CSA 60950-1-07+A1+A2
and IEC 60950-1 2nd Ed.,
800 VRMS (DW package)
and 1450 VRMS (DWW
package) max working
voltage (pollution degree
2, material group I);
Single protection, 5700
VRMS
Reinforced Insulation,
Altitude
≤ 5000 m,
Tropical Climate, 250
VRMS maximum
working voltage
5700 VRMS Reinforced insulation
per EN 61010-1:2010 (3rd Ed)
up to working voltage of 600
VRMS (DW package) and 1000
VRMS (DWW package)
2 MOPP (Means of
Patient Protection) per
CSA 60601-1:14 and IEC
60601-1 Ed. 3.1,
250 VRMS (354 VPK) max
working voltage (DW
package)
5700 VRMS Reinforced insulation
per EN 60950-1:2006/A11:2009/
A1:2010/A12:2011/A2:2013 up
to working voltage of 800 VRMS
(DW package) and 1450 VRMS
(DWW package)
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC15001121716
Client ID number: 77311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com