Electronic Components Datasheet Search
  English  ▼

X  

OPA124 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA124
Description  OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA124 Datasheet(HTML) 2 Page - Texas Instruments

  OPA124 Datasheet HTML 1Page - Texas Instruments OPA124 Datasheet HTML 2Page - Texas Instruments OPA124 Datasheet HTML 3Page - Texas Instruments OPA124 Datasheet HTML 4Page - Texas Instruments OPA124 Datasheet HTML 5Page - Texas Instruments OPA124 Datasheet HTML 6Page - Texas Instruments OPA124 Datasheet HTML 7Page - Texas Instruments OPA124 Datasheet HTML 8Page - Texas Instruments OPA124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
OPA124
2
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C, unless otherwise noted.
OPA124U, P
OPA124UA, PA
OPA124PB
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage, fO = 10Hz(4)
40
80
TT
TT
nV/
√Hz
fO = 100Hz(4)
15
40
TT
TT
nV/
√Hz
fO = 1kHz(4)
815
TT
TT
nV/
√Hz
fO = 10kHz(5)
68
TT
TT
nV/
√Hz
fB = 10Hz to 10kHz(5)
0.7
1.2
TT
TT
µVrms
fB = 0.1Hz to 10Hz
1.6
3.3
TT
TT
µVp-p
Current, fB = 0.1Hz to 10Hz
9.5
15
TT
TT
fAp-p
fO = 0.1Hz thru 20kHz
0.5
0.8
TT
TT
fA/
√Hz
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±200
±800
±150
±500
±100
±250
µV
vs Temperature
TA = TMIN to TMAX
±4
±7.5
±2
±4
±1
±2
µV/°C
Supply Rejection
VCC = ±10V to ±18V
88
110
90
T
100
T
dB
vs Temperature
TA = TMIN to TMAX
84
100
86
T
90
T
dB
BIAS CURRENT(1)
Input Bias Current
VCM = 0VDC
±1
±5
±0.5
±2
±0.35
±1pA
OFFSET CURRENT(1)
Input Offset Current
VCM = 0VDC
±1
±5
±0.5
±1
±0.25
±0.5
pA
IMPEDANCE
Differential
1013 || 1
TT
Ω || pF
Common-Mode
1014 || 3
TT
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
TT
TT
V
Common-Mode Rejection
VIN = ±10VDC
92
110
94
T
100
T
dB
vs Temperature
TA = TMIN to TMAX
86
100
TT
90
T
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
106
125
TT
120
T
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
1.5
TT
MHz
Full Power Response
20Vp-p, RL = 2kΩ
16
32
TT
TT
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
1
1.6
TT
TT
V/
µs
THD
0.0003
TT
%
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
6
TT
µs
0.01%
10V Step
10
TT
µs
Overload Recovery,
50% Overdrive(2)
Gain = –1
5
TT
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±11
±12
TT
TT
V
Current Output
VO = ±10VDC
±5.5
±10
TT
TT
mA
Output Resistance
DC, Open Loop
100
TT
Ω
Load Capacitance Stability
Gain = +1
1000
TT
pF
Short Circuit Current
10
40
TT
TT
mA
POWER SUPPLY
Rated Voltage
±15
TT
VDC
Voltage Range, Derated
±5
±18
TT
TT
VDC
Current, Quiescent
IO = 0mADC
2.5
3.5
TT
TT
mA
TEMPERATURE RANGE
Specification
TMIN and TMAX
–25
+85
TT
TT
°C
Storage
–65
+125
TT
TT
°C
θ Junction-Ambient: PDIP
90
TT
°C/W
SOIC
100
TT
°C/W
T Specification same as OPA124U, P
NOTES: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up. For performance at other temperatures see Typical Performance
Curves. (2) Overload recovery is defined as the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive.
(3) For performance at other temperatures see Typical Performance Curves. (4) Sample tested, 98% confidence. (5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com