Electronic Components Datasheet Search
  English  ▼

X  

OPA124 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA124
Description  OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA124 Datasheet(HTML) 3 Page - Texas Instruments

  OPA124 Datasheet HTML 1Page - Texas Instruments OPA124 Datasheet HTML 2Page - Texas Instruments OPA124 Datasheet HTML 3Page - Texas Instruments OPA124 Datasheet HTML 4Page - Texas Instruments OPA124 Datasheet HTML 5Page - Texas Instruments OPA124 Datasheet HTML 6Page - Texas Instruments OPA124 Datasheet HTML 7Page - Texas Instruments OPA124 Datasheet HTML 8Page - Texas Instruments OPA124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
®
OPA124
3
CONNECTION DIAGRAMS
Top View
DIP
1
2
3
4
8
7
6
5
Substrate
+V
S
Output
Offset Trim
Offset Trim
–In
+In
–V
S
Top View
SOIC
1
2
3
4
8
7
6
5
Substrate
+V
S
Output
NC
NC
–In
+In
–V
S
NC = No Connect
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE/ORDERING INFORMATION
BIAS
OFFSET
PACKAGE
TEMPERATURE
CURRENT
DRIFT
PRODUCT
PACKAGE
DRAWING NUMBER(1)
RANGE
pA, max
µV/°C, max
OPA124U
8-Lead SOIC
182
–25
°C to +85°C
5
7.5
OPA124P
8-Pin Plastic DIP
006
–25
°C to +85°C
5
7.5
OPA124UA
8-Lead SOIC
182
–25
°C to +85°C2
4
OPA124PA
8-Pin Plastic DIP
006
–25
°C to +85°C2
4
OPA124PB
8-Pin Plastic DIP
006
–25
°C to +85°C1
2
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS(1)
Supply ...........................................................................................
±18VDC
Internal Power Dissipation(2) ......................................................... 750mW
Differential Input Voltage(3) ..........................................................
±36VDC
Input Voltage Range(3) .................................................................
±18VDC
Storage Temperature Range .......................................... –65
°C to +150°C
Operating Temperature Range ....................................... –40
°C to +125°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Output Short Circuit Duration(4) ............................................... Continuous
Junction Temperature .................................................................... +175
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Packages must be derated based on
θ
JA = 90°C/W for PDIP and 100°C/W
for SOIC. (3) For supply voltages less than
±18VDC, the absolute maximum
input voltage is equal to +18V > VIN > –VCC – 6V. See Figure 2. (4) Short circuit
may be to power supply common only. Rating applies to +25
°C ambient.
Observe dissipation limit and TJ.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com