Electronic Components Datasheet Search
  English  ▼

X  

OPA124 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA124
Description  OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA124 Datasheet(HTML) 1 Page - Texas Instruments

  OPA124 Datasheet HTML 1Page - Texas Instruments OPA124 Datasheet HTML 2Page - Texas Instruments OPA124 Datasheet HTML 3Page - Texas Instruments OPA124 Datasheet HTML 4Page - Texas Instruments OPA124 Datasheet HTML 5Page - Texas Instruments OPA124 Datasheet HTML 6Page - Texas Instruments OPA124 Datasheet HTML 7Page - Texas Instruments OPA124 Datasheet HTML 8Page - Texas Instruments OPA124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
OPA124
1
FEATURES
q LOW NOISE: 6nV/
√Hz (10kHz)
q LOW BIAS CURRENT: 1pA max
q LOW OFFSET: 250
µV max
q LOW DRIFT: 2
µV/°C max
q HIGH OPEN-LOOP GAIN: 120dB min
q HIGH COMMON-MODE REJECTION:
100dB min
q AVAILABLE IN 8-PIN PLASTIC DIP
AND 8-PIN SOIC PACKAGES
APPLICATIONS
q PRECISION PHOTODIODE PREAMP
q MEDICAL EQUIPMENT
q OPTOELECTRONICS
q DATA ACQUISITION
q TEST EQUIPMENT
OPA124
DESCRIPTION
The OPA124 is a precision monolithic FET opera-
tional amplifier using a Difet (dielectrical isolation)
manufacturing process. Outstanding DC and AC per-
formance characteristics allow its use in the most
critical instrumentation applications.
Bias current, noise, voltage offset, drift, open-loop
gain, common-mode rejection and power supply re-
jection are superior to BIFET and CMOS amplifiers.
Difet fabrication achieves extremely low input bias
currents without compromising input voltage noise
performance. Low input bias current is maintained
over a wide input common-mode voltage range with
unique cascode circuitry. This cascode design also
allows high precision input specifications and reduced
susceptibility to flicker noise. Laser trimming of thin-
film resistors gives very low offset and drift.
Compared to the popular OPA111, the OPA124 gives
comparable performance and is available in an 8-pin
PDIP and 8-pin SOIC package.
BIFET® National Semiconductor Corp.,
Difet ® Burr-Brown Corp.
®
Low Noise Precision
Difet ®
OPERATIONAL AMPLIFIER
8
2
3
1
5
7
6
4
Substrate
Output
Trim(1)
+V
CC
Noise-Free Cascode(2)
Trim(1)
+In
–In
–V
CC
2k
Ω
2k
Ω
2k
Ω
10k
Ω
10k
Ω
NOTES: (1) Omitted on SOIC. (2) Patented.
2k
Ω
OPA124 Simplified Circuit
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1993 Burr-Brown Corporation
PDS-1203C
Printed in U.S.A. March, 1998
OPA124
SBOS028


Similar Part No. - OPA124

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124P BURR-BROWN-OPA124P Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124PA BURR-BROWN-OPA124PA Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124PB BURR-BROWN-OPA124PB Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124U BURR-BROWN-OPA124U Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA124

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com