Electronic Components Datasheet Search
  English  ▼

X  

OPA124 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA124
Description  OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA124 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA124 Datasheet HTML 2Page - Texas Instruments OPA124 Datasheet HTML 3Page - Texas Instruments OPA124 Datasheet HTML 4Page - Texas Instruments OPA124 Datasheet HTML 5Page - Texas Instruments OPA124 Datasheet HTML 6Page - Texas Instruments OPA124 Datasheet HTML 7Page - Texas Instruments OPA124 Datasheet HTML 8Page - Texas Instruments OPA124 Datasheet HTML 9Page - Texas Instruments OPA124 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
®
OPA124
6
SMALL SIGNAL TRANSIENT RESPONSE
1
Time (µs)
05
60
40
20
0
–20
–40
–60
23
4
LARGE SIGNAL TRANSIENT RESPONSE
10
Time (µs)
050
15
10
5
0
–5
–10
–15
20
30
40
MAXIMUM UNDISTORTED OUTPUT
VOLTAGE vs FREQUENCY
100k
Frequency (Hz)
1k
10k
1M
30
20
10
0
OPEN-LOOP GAIN vs TEMPERATURE
140
130
120
110
100
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
GAIN-BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
0
3
2
1
0
3
2
1
0
5
101520
Supply Voltage (±V
CC)
GAIN-BANDWIDTH AND SLEW RATE
vs TEMPERATURE
4
3
2
1
0
–50
–25
0
25
50
75
100
125
Ambient Temperature (°C)
4
3
2
1
0
4
3
2
1
0
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VCC = ±15VDC, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com