Electronic Components Datasheet Search
  English  ▼

X  

ACS724 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS724
Description  Automotive-Grade, Galvanically Isolated Current Sensor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS724 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS724 Datasheet HTML 1Page - Allegro MicroSystems ACS724 Datasheet HTML 2Page - Allegro MicroSystems ACS724 Datasheet HTML 3Page - Allegro MicroSystems ACS724 Datasheet HTML 4Page - Allegro MicroSystems ACS724 Datasheet HTML 5Page - Allegro MicroSystems ACS724 Datasheet HTML 6Page - Allegro MicroSystems ACS724 Datasheet HTML 7Page - Allegro MicroSystems ACS724 Datasheet HTML 8Page - Allegro MicroSystems ACS724 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Approximate Scale 1:1
TheAllegroACS724 current sensor IC is an economical and
precise solution for AC or DC current sensing in industrial,
automotive, commercial, and communications systems. The
small package is ideal for space-constrained applications
while also saving costs due to reduced board area. Typical
applications include motor control, load detection and
management, switched-mode power supplies, and overcurrent
fault protection.
The device consists of a precise, low-offset, linear Hall
sensor circuit with a copper conduction path located near the
surface of the die.Applied current flowing through this copper
conduction path generates a magnetic field which is sensed
by the integrated Hall IC and converted into a proportional
voltage. The current is sensed differentially in order to reject
common-mode fields, improving accuracy in magnetically
noisyenvironments.Theinherentdeviceaccuracyisoptimized
through the close proximity of the magnetic field to the Hall
transducer. A precise, proportional voltage is provided by the
low-offset, chopper-stabilized BiCMOS Hall IC, which is
programmed for accuracy after packaging. The output of the
device has a positive slope when an increasing current flows
through the primary copper conduction path (from pins 1 and
2, to pins 3 and 4), which is the path used for current sensing.
Theinternalresistanceofthisconductivepathis1.2mΩtypical,
providing low power loss.
The terminals of the conductive path are electrically isolated
from the sensor leads (pins 5 through 8). This allows the
ACS724 current sensor IC to be used in high-side current sense
applicationswithouttheuseofhigh-sidedifferentialamplifiers
or other costly isolation techniques.
ACS724-DS, Rev. 4
• Differential Hall sensing rejects common-mode fields
• 1.2 mΩ primary conductor resistance for low power loss
and high inrush current withstand capability
• Integrated shield virtually eliminates capacitive
coupling from current conductor to die, greatly
suppressing output noise due to high dv/dt transients
• Industry-leading noise performance with greatly
improved bandwidth through proprietary amplifier and
filter design techniques
• High-bandwidth 120 kHz analog output for faster
response times in control applications
• Filter pin allows user to filter the output for improved
resolution at lower bandwidth
• Patented integrated digital temperature compensation
circuitry allows for near closed loop accuracy over
temperature in an open loop sensor
• Small-footprint, low-profile SOIC8 package suitable for
space-constrained applications
• Filter pin simplifies bandwidth limiting for better
resolution at lower frequencies
Automotive-Grade, Galvanically Isolated Current Sensor IC
With Common-Mode Field Rejection in a Small-Footprint SOIC8 Package
Continued on the next page…
Typical Application
C
BYPASS
0.1 µF
C
F
1 nF
ACS724
CLOAD
1
2
3
4
8
7
6
5
IP+
+IP
–IP
IP+
IP–
IP–
VCC
VIOUT
FILTER
GND
I
P
The ACS724 outputs an
analog signal, VIOUT , that
changes proportionally
with the bidirectional AC
or DC primary sensed
current, IP, within the
specified measurement
range. The FILTER pin
can be used to decrease
the bandwidth in order
to optimize the noise
performance.
FEATURES AND BENEFITS
DESCRIPTION
Package: 8-Pin SOIC (suffix LC)
CB Certificate Number:
US-22334-A2-UL
TÜV America
Certificate Number:
U8V 14 11 54214 032
CB 14 11 54214 031
Ty
pe
te
ste
d
Continued on the next page…
ACS724


Similar Part No. - ACS724

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS724 ALLEGRO-ACS724 Datasheet
1Mb / 25P
Galvanically Isolated Current Sensor
Rev. 23
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS724LLCTR-05AB-S ALLEGRO-ACS724LLCTR-05AB-S Datasheet
1Mb / 25P
Galvanically Isolated Current Sensor
Rev. 23
ACS724LLCTR-05AB-T ALLEGRO-ACS724LLCTR-05AB-T Datasheet
1Mb / 25P
Galvanically Isolated Current Sensor
Rev. 23
ACS724LLCTR-05AU-S ALLEGRO-ACS724LLCTR-05AU-S Datasheet
1Mb / 25P
Galvanically Isolated Current Sensor
Rev. 23
More results

Similar Description - ACS724

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
logo
STMicroelectronics
STGAP1AS STMICROELECTRONICS-STGAP1AS Datasheet
2Mb / 70P
Automotive galvanically isolated advanced single gate driver
02-Sep-2016
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com