Electronic Components Datasheet Search
  English  ▼

X  

ACS724 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS724
Description  Automotive-Grade, Galvanically Isolated Current Sensor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS724 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS724 Datasheet HTML 1Page - Allegro MicroSystems ACS724 Datasheet HTML 2Page - Allegro MicroSystems ACS724 Datasheet HTML 3Page - Allegro MicroSystems ACS724 Datasheet HTML 4Page - Allegro MicroSystems ACS724 Datasheet HTML 5Page - Allegro MicroSystems ACS724 Datasheet HTML 6Page - Allegro MicroSystems ACS724 Datasheet HTML 7Page - Allegro MicroSystems ACS724 Datasheet HTML 8Page - Allegro MicroSystems ACS724 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Automotive-Grade, Galvanically Isolated Current Sensor IC
With Common-Mode Field Rejection in a Small-Footprint SOIC8 Package
ACS724
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
IPR
(A)
Sens(Typ)
at VCC = 5 V
(mV/A)
TA
(°C)
Packing*
ACS724LLCTR-05AB-T
±5
400
–40 to 150
Tape and Reel, 3000 pieces per reel
ACS724LLCTR-10AU-T
10
400
ACS724LLCTR-10AB-T
±10
200
ACS724LLCTR-20AU-T
20
ACS724LLCTR-20AB-T
±20
100
ACS724LLCTR-30AU-T
30
133
ACS724LLCTR-30AB-T
±30
66
ACS724LLCTR-50AB-T
±50
40
*Contact Allegro for additional packing options.
The ACS724 is provided in a small, low-profile surface-mount
SOIC8 package. The leadframe is plated with 100% matte tin,
which is compatible with standard lead (Pb) free printed circuit
board assembly processes. Internally, the device is Pb-free, except
for flip-chip high-temperature Pb-based solder balls, currently
exempt from RoHS. The device is fully calibrated prior to shipment
from the factory.
Features and Benefits (continued)
• 5 V, single supply operation
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage for
improved accuracy
• Chopper stabilization results in extremely stable quiescent
output voltage
• Nearly zero magnetic hysteresis
• Ratiometric output from supply voltage
Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com