Electronic Components Datasheet Search
  English  ▼

X  

ACS724 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ACS724
Description  Automotive-Grade, Galvanically Isolated Current Sensor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS724 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ACS724 Datasheet HTML 17Page - Allegro MicroSystems ACS724 Datasheet HTML 18Page - Allegro MicroSystems ACS724 Datasheet HTML 19Page - Allegro MicroSystems ACS724 Datasheet HTML 20Page - Allegro MicroSystems ACS724 Datasheet HTML 21Page - Allegro MicroSystems ACS724 Datasheet HTML 22Page - Allegro MicroSystems ACS724 Datasheet HTML 23Page - Allegro MicroSystems ACS724 Datasheet HTML 24Page - Allegro MicroSystems ACS724 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Automotive-Grade, Galvanically Isolated Current Sensor IC
With Common-Mode Field Rejection in a Small-Footprint SOIC8 Package
ACS724
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sensitivity (Sens). The change in sensor IC output in response to
a 1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G/A) (1 G = 0.1 mT)
and the linear IC amplifier gain (mV/G). The linear IC ampli-
fier gain is programmed at the factory to optimize the sensitivity
(mV/A) for the full-scale current of the device.
Nonlinearity (ELIN). The nonlinearity is a measure of how linear
the output of the sensor IC is over the full current measurement
range. The nonlinearity is calculated as:
E=
LIN
1–
V(I
)–V
IOUT
PR(max)
IOUT(Q)
2• V(I
/2) –V
IOUT
PR(max)
IOUT(Q)
• 100(%)
where VIOUT(IPR(max)) is the output of the sensor IC with the
maximum measurement current flowing through it and
VIOUT(IPR(max)/2) is the output of the sensor IC with half of the
maximum measurement current flowing through it.
Zero-Current Output Voltage (VIOUT(Q)). The output of the
sensor when the primary current is zero. For a unipolar supply
voltage, it nominally remains at 0.5 × VCC for a bidirectional
device and 0.1 × VCC for a unidirectional device. For example,
in the case of a bidirectional output device, VCC = 5 V translates
into VIOUT(Q) = 2.5 V. Variation in VIOUT(Q) can be attributed to
the resolution of the Allegro linear IC quiescent voltage trim and
thermal drift.
Offset Voltage (VOE). The deviation of the device output from
its ideal quiescent value of 0.5 × VCC (bidirectional) or 0.1 × VCC
(unidirectional) due to nonmagnetic causes. To convert this volt-
age to amperes, divide by the device sensitivity, Sens.
Total Output Error (ETOT). The difference between the cur-
rent measurement from the sensor IC and the actual current (IP),
relative to the actual current. This is equivalent to the difference
between the ideal output voltage and the actual output voltage,
divided by the ideal sensitivity, relative to the current flowing
through the primary conduction path:
E(I)
TOTP
V(I )–V
(I )
IOUT_idealP
IOUT
P
Sens
(I )• I
idealP
P
• 100 (%)
=
The Total Output Error incorporates all sources of error and is a
function of IP. At relatively high currents, ETOT will be mostly
due to sensitivity error, and at relatively low currents, ETOT will
be mostly due to Offset Voltage (VOE). In fact, at IP = 0, ETOT
approaches infinity due to the offset. This is illustrated in Figures
1 and 2. Figure 1 shows a distribution of output voltages versus IP
at 25°C and across temperature. Figure 2 shows the correspond-
ing ETOT versus IP.
DEFINITIONS OF ACCURACY CHARACTERISTICS
Figure 1: Output Voltage versus Sensed Current
Figure 2: Total Output Error versus Sensed Current
0 A
Decreasing
VIOUT (V)
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy at
25°C Only
Accuracy at
25°C Only
Accuracy at
25°C Only
Increasing
VIOUT (V)
Ideal VIOUT
IPR(min)
IPR(max)
+IP (A)
–IP (A)
VIOUT(Q)
Full Scale IP
+IP
–IP
+ETOT
–ETOT
Across Temperature
25°C Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com