Electronic Components Datasheet Search
  English  ▼

X  

ACS724 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS724
Description  Automotive-Grade, Galvanically Isolated Current Sensor IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS724 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS724 Datasheet HTML 9Page - Allegro MicroSystems ACS724 Datasheet HTML 10Page - Allegro MicroSystems ACS724 Datasheet HTML 11Page - Allegro MicroSystems ACS724 Datasheet HTML 12Page - Allegro MicroSystems ACS724 Datasheet HTML 13Page - Allegro MicroSystems ACS724 Datasheet HTML 14Page - Allegro MicroSystems ACS724 Datasheet HTML 15Page - Allegro MicroSystems ACS724 Datasheet HTML 16Page - Allegro MicroSystems ACS724 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Automotive-Grade, Galvanically Isolated Current Sensor IC
With Common-Mode Field Rejection in a Small-Footprint SOIC8 Package
ACS724
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xLLCTR-50AB PERFORMANCE CHARACTERISTICS
: TA Range L, valid at TA = – 40°C to 150°C, VCC = 5 V, CF = 0,
unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Nominal Performance
Current-Sensing Range
IPR
–50
50
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
40
mV/A
Zero-Current Output Voltage
VIOUT(Q)
Bidirectional, IP = 0 A
VCC ×
0.5
V
Accuracy Performance
Total Output Error2
ETOT
IP = IPR(max), TA = 25°C to 150°C
–2
±0.8
2
%
IP = IPR(max), TA = –40°C to 25°C
–6
±4
6
%
Total Output Error Components3 ETOT = ESENS + 100 × VOE/(Sens × IP)
Sensitivity Error
Esens
IP = IPR(max), TA = 25°C to 150°C
–1.5
±0.8
1.5
%
IP = IPR(max), TA = –40°C to 25°C
–5.5
±4
5.5
%
Offset Voltage
VOE
IP = 0 A, TA = 25°C to 150°C
–10
±6
10
mV
IP = 0 A, TA = –40°C to 25°C
–30
±6
30
mV
Lifetime Drift Characteristics
Sensitivity Error Lifetime Drift
Esens_drift
–3
±1
3
%
Total Output Error Lifetime Drift
Etot_drift
–3
±1
3
%
1
Typical values with +/- are 3 sigma values
2
Percentage of IP, with IP = IPR(max).
3
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares. See Application Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com