Electronic Components Datasheet Search
  English  ▼

X  

INA326 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA326
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA326 Datasheet HTML 3Page - Texas Instruments INA326 Datasheet HTML 4Page - Texas Instruments INA326 Datasheet HTML 5Page - Texas Instruments INA326 Datasheet HTML 6Page - Texas Instruments INA326 Datasheet HTML 7Page - Texas Instruments INA326 Datasheet HTML 8Page - Texas Instruments INA326 Datasheet HTML 9Page - Texas Instruments INA326 Datasheet HTML 10Page - Texas Instruments INA326 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
INA326, INA327
7
SBOS222D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = 25°C, VS = +5V, Gain = 100, and RL = 10kΩ with external equivalent filter corner of 1kHz, unless otherwise noted.
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
G = 1
Offset Voltage Drift (
µV/°C)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
G = 1
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
G = 10
Offset Voltage Drift (
µV/°C)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
G = 10
Offset Voltage (
µV)
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
G = 100, 1000
Offset Voltage Drift (
µV/°C)
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
G = 100, 1000
Offset Voltage (
µV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com