Electronic Components Datasheet Search
  English  ▼

X  

INA326 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA326
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA326 Datasheet HTML 8Page - Texas Instruments INA326 Datasheet HTML 9Page - Texas Instruments INA326 Datasheet HTML 10Page - Texas Instruments INA326 Datasheet HTML 11Page - Texas Instruments INA326 Datasheet HTML 12Page - Texas Instruments INA326 Datasheet HTML 13Page - Texas Instruments INA326 Datasheet HTML 14Page - Texas Instruments INA326 Datasheet HTML 15Page - Texas Instruments INA326 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
INA326, INA327
12
SBOS222D
www.ti.com
The INA326 uses a new, unique internal circuit topology
that provides true rail-to-rail input. Unlike other instrumen-
tation amplifiers, it can linearly process inputs up to 20mV
below the negative power-supply rail, and 100mV above
the positive power-supply rail. Conventional instrumenta-
tion amplifier circuits cannot deliver such performance,
even if rail-to-rail op amps are used.
The ability to reject common-mode signals is derived in
most instrumentation amplifiers through a combination of
amplifier CMR and accurately matched resistor ratios.
The INA326 converts the input voltage to a current.
Current-mode signal processing provides rejection of com-
mon-mode input voltage and power-supply variation with-
out accurately matched resistors.
A simplified diagram shows the basic circuit function. The
differential input voltage, (VIN+) – (VIN–) is applied across
R1. The signal-generated current through R1 comes from
A1 and A2’s output stages. A2 combines the current in R1
with a mirrored replica of the current from A1. The result-
ing current in A2’s output and associated current mirror is
two times the current in R1. This current flows in (or out)
of pin 5 into R2. The resulting gain equation is:
G
R
R
= 2 2
1
Amplifiers A1, A2, and their associated mirrors are pow-
ered from internal charge-pumps that provide voltage
supplies that are beyond the positive and negative supply
rails. As a result, the voltage developed on R2 can actually
swing 20mV
below the negative power-supply rail, and
100mV
above the positive supply rail. A3 provides a
buffered output of the voltage on R2. A3’s input stage is
also operated from the charge-pumped power supplies for
true rail-to-rail operation.
FIGURE 5. Simplified Circuit Diagram.
INSIDE THE INA326
A1
V+
V
−
Current Mirror
Current Mirror
I
R1
I
R1
I
R1
R
1
R
2
C
2
V
O
V
IN
−
V
IN+
I
R1
2I
R1
2I
R1
2I
R1
2I
R1
2I
R1
A3
A2
IA
COMMON
0.1
µF
Current Mirror
Current Mirror
74
6
5
3
8
1
2
INA326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com