Electronic Components Datasheet Search
  English  ▼

X  

INA326 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA326
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326 Datasheet(HTML) 1 Page - Texas Instruments

  INA326 Datasheet HTML 1Page - Texas Instruments INA326 Datasheet HTML 2Page - Texas Instruments INA326 Datasheet HTML 3Page - Texas Instruments INA326 Datasheet HTML 4Page - Texas Instruments INA326 Datasheet HTML 5Page - Texas Instruments INA326 Datasheet HTML 6Page - Texas Instruments INA326 Datasheet HTML 7Page - Texas Instruments INA326 Datasheet HTML 8Page - Texas Instruments INA326 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
INA326
INA327
SBOS222D – NOVEMBER 2001 – REVISED NOVEMBER 2004
www.ti.com
DESCRIPTION
The INA326 and INA327 (with shutdown) are high-perfor-
mance, low-cost, precision instrumentation amplifiers with
rail-to-rail input and output. They are true single-supply
instrumentation amplifiers with very low DC errors and input
common-mode ranges that extends beyond the positive and
negative rails. These features make them suitable for appli-
cations ranging from general-purpose to high-accuracy.
Excellent long-term stability and very low 1/f noise assure
low offset voltage and drift throughout the life of the product.
The INA326 (without shutdown) comes in the MSOP-8 pack-
age. The INA327 (with shutdown) is offered in an MSOP-10.
Both are specified over the industrial temperature range,
–40
°C to +85°C, with operation from –40°C to +125°C.
FEATURES
q PRECISION
LOW OFFSET: 100
µV (max)
LOW OFFSET DRIFT: 0.4
µV/°C (max)
EXCELLENT LONG-TERM STABILITY
VERY-LOW 1/f NOISE
q TRUE RAIL-TO-RAIL I/O
INPUT COMMON-MODE RANGE:
20mV Below Negative Rail to 100mV Above
Positive Rail
WIDE OUTPUT SWING: Within 10mV of Rails
SUPPLY RANGE: Single +2.7V to +5.5V
q SMALL SIZE
microPACKAGE: MSOP-8, MSOP-10
q LOW COST
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2004, Texas Instruments Incorporated
Precision, Rail-to-Rail I/O
INSTRUMENTATION AMPLIFIER
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q LOW-LEVEL TRANSDUCER AMPLIFIER FOR
BRIDGES, LOAD CELLS, THERMOCOUPLES
q WIDE DYNAMIC RANGE SENSOR
MEASUREMENTS
q HIGH-RESOLUTION TEST SYSTEMS
q WEIGH SCALES
q MULTI-CHANNEL DATA ACQUISITION
SYSTEMS
q MEDICAL INSTRUMENTATION
q GENERAL-PURPOSE
INA326 AND INA327 RELATED PRODUCTS
PRODUCT
FEATURES
INA337
Precision, 0.4
µV/°C Drift, Specified –40°C to +125°C
INA114
50
µV V
OS, 0.5nA IB, 115dB CMR, 3mA IQ, 0.25µV/°C Drift
INA118
50
µV V
OS, 1nA IB, 120dB CMR, 385µA IQ, 0.5µV/°C Drift
INA122
250
µV V
OS, –10nA IB, 85µA IQ, Rail-to-Rail Output, 3µV/°C Drift
INA128
50
µV V
OS, 2nA IB, 125dB CMR, 750µA IQ, 0.5µV/°C Drift
INA321
500
µV V
OS, 0.5pA IB, 94dB CMRR, 60µA IQ, Rail-to-Rail Output
INA326
R
1
R
2
C
2
V
IN
−
V
IN+
7
V+
4
V
−
V
O
5
6
2
1
8
3
G = 2(R
2/R1)
INA32
7
INA3
26


Similar Part No. - INA326

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI1-INA326 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI2-INA326 Datasheet
343Kb / 17P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
JUNE 2002
INA326 TI2-INA326 Datasheet
885Kb / 28P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
REVISED NOVEMBER 2004
INA326EA/250 TI1-INA326EA/250 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA326

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA567 TI-OPA567 Datasheet
521Kb / 23P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Burr-Brown (TI)
OPA569 BURR-BROWN-OPA569 Datasheet
509Kb / 24P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
logo
Texas Instruments
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
Texas Instruments
OPA317 TI-OPA317 Datasheet
1Mb / 29P
Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
Quad Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
OPA569 TI1-OPA569 Datasheet
1Mb / 28P
Rail-to-Rail I/O, 2A POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com