Electronic Components Datasheet Search
  English  ▼

X  

INA326 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA326
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA326 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA326 Datasheet HTML 5Page - Texas Instruments INA326 Datasheet HTML 6Page - Texas Instruments INA326 Datasheet HTML 7Page - Texas Instruments INA326 Datasheet HTML 8Page - Texas Instruments INA326 Datasheet HTML 9Page - Texas Instruments INA326 Datasheet HTML 10Page - Texas Instruments INA326 Datasheet HTML 11Page - Texas Instruments INA326 Datasheet HTML 12Page - Texas Instruments INA326 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
INA326, INA327
9
SBOS222D
www.ti.com
IA
COMMON
(2)
INA326
R
1
V
IN
−
V
IN+
V
O Filtered
V
O
6
2
1
8
3
G = 2(R
2/R1)
f
O = 1kHz
R
O
100
Ω
C
O
(1)
1
µF
R
2
C
2
(1)
7
+2.5V
4
0.1
µF
−2.5V
5
(1) C
2 and CO combine to form a 2-pole response that is −3dB at 1kHz.
Each individual pole is at 1.5kHz.
(2) Output voltage is referenced to IA
COMMON (see text).
DESIRED
R1
R2 || C2
GAIN
(
Ω)(Ω || nF)
0.1
400k
20k || 5
0.2
400k
40k || 2.5
0.5
400k
100k || 1
1
400k
200k || 0.5
2
200k
200k || 0.5
5
80k
200k || 0.5
10
40k
200k || 0.5
20
20k
200k || 0.5
50
8k
200k || 0.5
100
4k
200k || 0.5
200
2k
200k || 0.5
500
2k
500k || 0.2
1000
2k
1M || 0.1
2000
2k
2M || 0.05
5000
2k
5M || 0.02
10000
2k
10M || 0.01
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation of
the INA326. A 0.1
µF capacitor, placed close to and across the
power-supply pins is strongly recommended for highest accu-
racy. RoCo is an output filter that minimizes auto-correction
circuitry noise. This output filter may also serve as an anti-
aliasing filter ahead of an Analog-to-Digital (A/D) converter. It
is also optional based on desired precision.
The output reference terminal is taken at the low side of R2
(IACOMMON).
The INA326 uses a unique internal topology to achieve excel-
lent Common-Mode Rejection (CMR). Unlike conventional
instrumentation amplifiers, CMR is not affected by resistance
in the reference connections or sockets. See “Inside the
INA326” for further detail. To achieve best high-frequency
CMR, minimize capacitance on pins 1 and 8.
FIGURE 1. Basic Connections. NOTE: Connections for INA327 differ—see Pin Configuration for detail.
SETTING THE GAIN
The INA326 is a 2-stage amplifier with each stage gain set
by R1 and R2, respectively (see Figure 5, “Inside the INA326”,
for details). Overall gain is described by the equation:
G
R
R
= 2 2
1
(1)
The stability and temperature drift of the external gain-setting
resistors will affect gain by an amount that can be directly
inferred from the gain equation (1).
Resistor values for commonly used gains are shown in
Figure 1. Gain-set resistor values for best performance are
different for +5V single-supply and for
±2.5V dual-supply
operation. Optimum value for R1 can be calculated by:
R1 = VIN, MAX/12.5µA
(2)
where R1 must be no less than 2kΩ.
DESIRED
R1
R2 || C2
GAIN
(
Ω)(Ω || nF)
0.1
400k
20k || 5
0.2
400k
40k || 2.5
0.5
400k
100k || 1
1
200k
100k || 1
2
100k
100k || 1
5
40k
100k || 1
10
20k
100k || 1
20
10k
100k || 1
50
4k
100k || 1
100
2k
100k || 1
200
2k
200k || 0.5
500
2k
500k || 0.2
1000
2k
1M || 0.1
2000
2k
2M || 0.05
5000
2k
5M || 0.02
10000
2k
10M || 0.01
NOTES: (1) C2 and CO combine to form a 2-pole response that is –3dB at 1kHz. Each individual pole is at 1.5kHz. (2) Output voltage is referenced to
IACOMMON (see text). (3) Output offset voltage required for measurement near zero (see Figure 6).
INA326
V
O Filtered
V
O
6
G = 2(R
2/R1)
f
O = 1kHz
R
O
100
Ω
C
O
(1)
1
µF
R
2
C
2
(1)
7
V+
4
0.1
µF
5
IA
COMMON
(2)
R
1
(1) C
2 and CO combine to form a 2-pole response that is −3dB at 1kHz.
Each individual pole is at 1.5kHz.
(2) Output voltage is referenced to IA
COMMON (see text).
(3) Output offset voltage required for measurement near zero (see Figure 28).
Single-supply operation may require
R
2 > 100kΩ for full output swing.
This may produce higher input referred
offset voltage. See
Offset Voltage,
Drift, and Circuit Values for detail.
1
8
V
IN
−
V
IN+
2
3
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com