Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
OPA690
8
SBOS223A
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
20
10
0
–10
–20
Input Offset Current (I
OS)
Input Offset Voltage (VOS)
Input Bias Current (I
B)
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (MHz)
10k
1M
100k
10M
100M
100
90
80
70
60
50
40
30
20
10
0
CMRR
+PSRR
–PSRR
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
8
7
6
5
4
3
250
200
150
100
50
0
Sourcing Output Current
Sinking Output Current
Quiescent Supply Current
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–300
–200
–100
0
100
200
300
5
4
3
2
1
0
–1
–2
–3
–4
–5
Output Current Limited
1W Internal
Power Limit
1W Internal
Power Limit
Output Current Limit
100
Ω Load Line
50
Ω Load Line
25
Ω
Load Line
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
1M
100k
10M
100M
10
1
0.1
0.01
OPA690
402
Ω
+5V
–5V
200
Ω
402
Ω
Z
O
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
1k
1M
100k
10k
10M
1G
100M
70
60
50
40
30
20
10
0
–10
–20
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
Open-Loop Gain
Open-Loop Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com