Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
OPA690
17
SBOS223A
www.ti.com
levels, the 2nd-harmonic will dominate the distortion with a
negligible 3rd-harmonic component. Focusing then on the
2nd-harmonic, increasing the load impedance improves
distortion directly. Remember that the total load includes
the feedback network; in the noninverting configuration (see
Figure 1) this is sum of RF + RG, while in the inverting
configuration, it is just RF. Also, providing an additional
supply decoupling capacitor (0.1
µF) between the supply pins
(for bipolar operation) improves the 2nd-order distortion
slightly (3dB to 6dB).
In most op amps, increasing the output voltage swing in-
creases harmonic distortion directly. The new output stage
used in the OPA690 actually holds the difference between
fundamental power and the 2nd- and 3rd-harmonic powers
relatively constant with increasing output power until very
large output swings are required (> 4Vp-p). This also shows
up in the 2-tone, 3rd-order intermodulation spurious (IM3)
response curves. The 3rd-order spurious levels are moder-
ately low at low output power levels. The output stage
continues to hold them low even as the fundamental power
reaches very high levels. As the Typical Characteristics
show, the spurious intermodulation powers do not increase
as predicted by a traditional intercept model. As the funda-
mental power level increases, the dynamic range does not
decrease significantly. For 2 tones centered at 20MHz, with
10dBm/tone into a matched 50
Ω load (i.e., 2Vp-p for each
tone at the load, which requires 8Vp-p for the overall 2-tone
envelope at the output pin), the Typical Characteristics show
47dBc difference between the test tone powers and the 3rd-
order intermodulation spurious powers. This performance
improves further when operating at lower frequencies.
NOISE PERFORMANCE
High slew rate, unity-gain stable, voltage feedback op amps
usually achieve their slew rate at the expense of a higher
input noise voltage. The 5.5nV/
√Hz input voltage noise for
the OPA690 is, however, much lower than comparable
amplifiers. The input-referred voltage noise, and the two
input-referred current noise terms, combine to give low
output noise under a wide variety of operating conditions.
Figure 11 shows the op amp noise analysis model with all the noise
terms included. In this model, all noise terms are taken to be noise
voltage or current density terms in either nV/
√Hz or pA/√Hz.
The total output spot noise voltage can be computed as the
square root of the sum of all squared output noise voltage
contributors. Equation 1 shows the general form for the
output noise voltage using the terms shown in Figure 11.
(1)
E
E
I
R
kTR
NG
I R
kTR NG
O
NI
BN SS
BI F
F
=+
(
) +
+
(
) +
2
2
2
2
44
Dividing this expression by the noise gain (NG = (1+RF/RG))
will give the equivalent input-referred spot noise voltage at the
noninverting input, as shown in Equation 2.
(2)
E
E
I
R
kTR
IR
NG
kTR
NG
NNI
BN SS
BI F
F
=+
(
) ++ 


+
2
2
2
4
4
Evaluating these two equations for the OPA690 circuit and
component values (see Figure 1) will give a total output spot
noise voltage of 12.3nV/
√Hz and a total equivalent input spot
noise voltage of 6.1nV/
√Hz. This is including the noise added
by the bias current cancellation resistor (175
Ω) on the
noninverting input. This total input-referred spot noise volt-
age is only slightly higher than the 5.5nV/
√Hz specification
for the op amp voltage noise alone. This will be the case as
long as the impedances appearing at each op amp input are
limited to the previously recommend maximum value of
300
Ω. Keeping both (R
F || RG) and the noninverting input
source impedance less than 300
Ω will satisfy both noise and
frequency response flatness considerations. Since the resis-
tor-induced noise is relatively negligible, additional capacitive
decoupling across the bias current cancellation resistor (RB)
for the inverting op amp configuration of Figure 8 is not
required.
DC ACCURACY AND OFFSET CONTROL
The balanced input stage of a wideband voltage feedback op
amp allows good output DC accuracy in a wide variety of
applications. The power-supply current trim for the OPA690
gives even tighter control than comparable products. Al-
though the high-speed input stage does require relatively
high input bias current (typically
±8µA at each input terminal),
the close matching between them may be used to reduce the
output DC error caused by this current. The total output offset
voltage may be considerably reduced by matching the DC
source resistances appearing at the two inputs. This reduces
the output DC error due to the input bias currents to the offset
current times the feedback resistor. Evaluating the configura-
tion of Figure 1, using worst-case +25
°C input offset voltage
and current specifications, gives a worst-case output offset
voltage equal to: – (NG = noninverting signal gain)
±(NG • V
OS(MAX)) ± (RF • IOS(MAX))
=
±(2 • 4mV) ± (402Ω • 1µA)
=
±8.4mV
FIGURE 11. Op Amp Noise Analysis Model.
4kT
R
G
R
G
R
F
R
S
OPA690
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
4kTR
S
√
4kTR
F
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com