Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
OPA690
11
SBOS223A
www.ti.com
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifica-
tion and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single-Supply, Specifica-
tion and Test Circuit.
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE FEEDBACK OPERATION
The OPA690 provides an exceptional combination of high
output power capability with a wideband, unity-gain stable
voltage feedback op amp using a new high slew rate input
stage. Typical differential input stages used for voltage feed-
back op amps are designed to steer a fixed-bias current to
the compensation capacitor, setting a limit to the achievable
slew rate. The OPA690 uses a new input stage which places
the transconductance element between two input buffers,
using their output currents as the forward signal. As the error
voltage increases across the two inputs, an increasing cur-
rent is delivered to the compensation capacitor. This pro-
vides very high slew rate (1800V/
µs) while consuming
relatively low quiescent current (5.5mA). This exceptional
full-power performance comes at the price of a slightly higher
input noise voltage than alternative architectures. The
5.5nV/
√Hzinput voltage noise for the OPA690 is exception-
ally low for this type of input stage.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical Characteristics and Typical Characteristics. For test
purposes, the input impedance is set to 50
Ω with a resistor to
ground and the output impedance is set to 50
Ω with a series
output resistor. Voltage swings reported in the specifications
are taken directly at the input and output pins, while output
powers (dBm) are at the matched 50
Ω load. For the circuit of
Figure 1, the total effective load will be 100
Ω || 804Ω. The
disable control line is typically left open to ensure normal
amplifier operation. Two optional components are included in
Figure 1. An additional resistor (175
Ω) is included in series
with the noninverting input. Combined with the 25
Ω DC
source resistance looking back towards the signal generator,
this gives an input bias current cancelling resistance that
matches the 200
Ω source resistance seen at the inverting
input (see the DC Accuracy and Offset Control section). In
addition to the usual power-supply decoupling capacitors to
ground, a 0.1
µF capacitor is included between the two power-
supply pins. In practical PC board layouts, this optional-added
capacitor will typically improve the 2nd-harmonic distortion
performance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration which is the basis of the +5V Specifica-
tions and Typical Characteristics. Though not a “rail-to-rail”
design, the OPA690 requires minimal input and output volt-
age headroom compared to other very wideband voltage
feedback op amps. It will deliver a 3Vp-p output swing on
a single +5V supply with > 150MHz bandwidth. The key
requirement of broadband single-supply operation is to main-
tain input and output signal swings within the useable voltage
ranges at both the input and the output. The circuit of Figure 2
establishes an input midpoint bias using a simple resistive
divider from the +5V supply (two 698
Ω resistors). The input
signal is then AC-coupled into the midpoint voltage bias. The
input voltage can swing to within 1.5V of either supply pin,
giving a 2Vp-p input signal range centered between the
supply pins. The input impedance matching resistor (59
Ω)
used for testing is adjusted to give a 50
Ω input load when the
parallel combination of the biasing divider network is in-
cluded. Again, an additional resistor (50
Ω in this case) is
included directly in series with the noninverting input. This
minimum recommended value provides part of the DC source
resistance matching for the noninverting input bias current. It
is also used to form a simple parasitic pole to roll off the
frequency response at very high frequencies (> 500MHz)
using the input parasitic capacitance to form a bandlimiting
pole. The gain resistor (RG) is AC-coupled, giving the circuit
a DC gain of +1, which puts the input DC bias voltage (2.5V)
at the output as well. The output voltage can swing to within
OPA690
+5V
+
DIS
–5V
50
Ω Load
50
Ω
50
Ω
V
O
V
I
50
Ω Source
R
G
402
Ω
R
F
402
Ω
+
6.8
µF
0.1
µF
6.8
µF
0.1
µF
0.1
µF
175
Ω
OPA690
+5V
+V
S
DIS
V
S/2
698
Ω
100
Ω
V
O
V
I
50
Ω
59
Ω
698
Ω
0.1
µF
0.1
µF
+
6.8
µF
0.1
µF
R
G
402
Ω
R
F
402
Ω
50
Ω Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com