Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA643
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 4 Page - Texas Instruments

  OPA643 Datasheet HTML 1Page - Texas Instruments OPA643 Datasheet HTML 2Page - Texas Instruments OPA643 Datasheet HTML 3Page - Texas Instruments OPA643 Datasheet HTML 4Page - Texas Instruments OPA643 Datasheet HTML 5Page - Texas Instruments OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
OPA686
TYPICAL PERFORMANCE CURVES: VS = ±5V
At TA = +25°C, G = +10, RF = 453Ω, and RL = 100Ω, unless otherwise noted.
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
NON-INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
G = +50
See Figure 1
R
G = 50Ω
V
O = 0.2Vp-p
G = +20
G = +7
G = +10
26
23
20
17
14
11
8
5
2
–1
–4
NON-INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
R
G = 50Ω
G = +10V/V
V
O = 0.2Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 5Vp-p
See Figure 1
30
29
26
23
20
17
14
11
8
5
2
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.1
10
100
500
R
G = RS = 50Ω
G = –20V/V
V
O = 0.2Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 5Vp-p
See Figure 2
100
0
–100
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
NON-INVERTING PULSE RESPONSE
Time (5ns/div)
G = +10V/V
Large Signal ±1V
Small Signal ±100mV
Right Scale
Left Scale
See Figure 1
100
0
–100
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
INVERTING PULSE RESPONSE
Time (5ns/div)
G = –20V/V
Large Signal ±1V
Small Signal ±100mV
Right Scale
Left Scale
See Figure 2
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
0.5
10
100
500
R
G = RS = 50Ω
V
O = 0.2Vp-p
G = –12
G = –50
G = –20
See Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com