Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA643
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA643 Datasheet HTML 2Page - Texas Instruments OPA643 Datasheet HTML 3Page - Texas Instruments OPA643 Datasheet HTML 4Page - Texas Instruments OPA643 Datasheet HTML 5Page - Texas Instruments OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments OPA643 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
OPA686
TYPICAL PERFORMANCE CURVES: VS = ±5V
At TA = +25°C, G = +10, RF = 453Ω, and RL = 100Ω, unless otherwise noted. See Figure 1.
60
50
40
30
20
10
0
R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
50
45
40
35
30
25
20
15
0
TWO-TONE, 3rd-0RDER INTERMODULATION
INTERCEPT vs FREQUENCY
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
OPA686
PI
PO
50
Ω
50
Ω
50
Ω
453
Ω
50
Ω
–50
–60
–70
–80
–90
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
20
G = +50
V
O = 2Vp-p
R
L = 100Ω
G = +10
G = +20
–50
–60
–70
–80
–90
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
110
20
G = +10
V
O = 2Vp-p
R
L = 100Ω
G = +50
G = +20
10
1
INPUT VOLTAGE and CURRENT NOISE DENSITY
Frequency (Hz)
100
10M
1k
10k
100k
1M
1.8pA/
√Hz
1.3nV/
√Hz
Current Noise
Voltage Noise
22
21
20
19
18
17
16
15
14
13
12
Frequency (MHz)
FREQUENCY RESPONSE vs CAPACITIVE LOAD
1
100
10
500
C
L = 10pF
C
L = 50pF
C
L = 20pF
C
L = 100pF
OPA686
RS
VIN
VO
CL
1k
Ω
453
Ω
50
Ω
1k
Ω is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com