Electronic Components Datasheet Search
  English  ▼

X  

OPA643 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA643
Description  Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA643 Datasheet HTML 6Page - Texas Instruments OPA643 Datasheet HTML 7Page - Texas Instruments OPA643 Datasheet HTML 8Page - Texas Instruments OPA643 Datasheet HTML 9Page - Texas Instruments OPA643 Datasheet HTML 10Page - Texas Instruments OPA643 Datasheet HTML 11Page - Texas Instruments OPA643 Datasheet HTML 12Page - Texas Instruments OPA643 Datasheet HTML 13Page - Texas Instruments OPA643 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
®
OPA686
12
9
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (MHz)
1
10
100
500
170MHz
To choose the values for both CS and CF, two parameters and
only three equations need to be solved. The first parameter
is the target high frequency noise gain NG2, which should be
greater than the minimum stable gain for the OPA686. Here,
a target NG2 of 10.5 will be used. The second parameter is
the desired low frequency signal gain, which also sets the
low frequency noise gain NG1. To simplify this discussion,
we will target a maximally flat second-order low pass
Butterworth frequency response (Q = 0.707). The signal
gain of –2 shown in Figure 4 will set the low frequency noise
gain to NG1 = 1 + RF/RG (= 3 in this example). Then, using
only these two gains and the GBP for the OPA686
(1600MHz), the key frequency in the compensation can be
determined as:
Physically, this Z0 (10.6MHz for the values shown above) is
set by 1/(2
π • R
F(CF + CS)) and is the frequency at which the
rising portion of the noise gain would intersect unity gain if
projected back to 0dB gain. The actual zero in the noise gain
occurs at NG1 • Z0 and the pole in the noise gain occurs at
NG2 • Z0. Since GBP is expressed in Hz, multiply Z0 by 2π
and use this to get CF by solving:
Finally, since CS and CF set the high frequency noise gain,
determine CS by [Using NG2 = 10.5]:
The resulting closed-loop bandwidth will be approximately
equal to:
For the values shown in Figure 4, the f–3dB will be approxi-
mately 130MHz. This is less than that predicted by simply
dividing the GBP product by NG1. The compensation
network controls the bandwidth to a lower value while
providing the full slew rate at the output and an excep-
tional distortion performance due to increased loop gain at
frequencies below NG1 • Z0. The capacitor values shown
in Figure 4 are calculated for NG1 = 3 and NG2 = 10.5 with
no adjustment for parasitics.
Figure 5 shows the measured frequency response for the
circuit of Figure 4. This shows the expected gain of
–2 (6dB) with exceptional flatness through 70MHz and a
–3dB bandwidth of 170MHz. Measured distortion into a
100
Ω load shows > 5dB improvement through 20MHz over
the performance shown in the Typical Performance Curves.
Into a 500
Ω load, the 5MHz, 2Vp-p, 2nd harmonic improves
from –90dBc to –96dBc.
Z
O =
GBP
NG
1
2
1–
NG
1
NG
2


–1 – 2
NG
1
NG
2
FIGURE 5. G = –2 Frequency Response with External
Compensation.
LOW NOISE FIGURE, HIGH DYNAMIC RANGE “IF”
AMPLIFIER
The low input noise voltage of the OPA686 and its high
two-tone intercept can be used to good advantage as a fixed
gain IF amplifier. While input noise figures in the 10dB
range (for a matched 50
Ω input) are easily achieved with
just OPA686 alone, Figure 6 shows a technique which
reduces the noise figure even further while providing a
broadband, low gain IF amplifier stage using the OPA686.
FIGURE 6. Low Noise Figure IF Amplifier.
Bringing the signal in through a step-up transformer to the
inverting input gain resistor has several advantages for the
OPA686. First, grounding the non-inverting input elimi-
nates the contribution of the non-inverting input current
noise to the output noise. Secondly, the non-inverting
input voltage noise of the op amp is actually attenuated if
reflected to the input side of RG. Using the 1:2 (turns ratio)
step up transformer reflects the 50
Ω source impedance at
C
F =
1
2π •R
F Z O NG
2
C
S =
NG
2 –1
() C
F
f
–
3dB ≅
Z
O GBP
(= 2.86pF)
(= 27.2pF)
(= 130MHz)
OPA686
+5V
–5V
R
G
200
Ω
R
F
1k
Ω
50
Ω
V
O
2pF
20pF
50
Ω Source
50
Ω Load
1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com