Electronic Components Datasheet Search
  English  ▼

X  

OPA693IDBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA693IDBVT Datasheet HTML 18Page - Texas Instruments OPA693IDBVT Datasheet HTML 19Page - Texas Instruments OPA693IDBVT Datasheet HTML 20Page - Texas Instruments OPA693IDBVT Datasheet HTML 21Page - Texas Instruments OPA693IDBVT Datasheet HTML 22Page - Texas Instruments OPA693IDBVT Datasheet HTML 23Page - Texas Instruments OPA693IDBVT Datasheet HTML 24Page - Texas Instruments OPA693IDBVT Datasheet HTML 25Page - Texas Instruments OPA693IDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
OPA693
22
SBOS285A
www.ti.com
BOARD LAYOUT GUIDELINES
Achieving optimum performance with a high-frequency amplifier
like the OPA693 requires careful attention to PC board layout
parasitics and external component types. Recommendations
that will optimize performance include:
a) Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Parasitic capacitance on the output can
cause instability; on the noninverting input, it can react with the
source impedance to cause unintentional bandlimiting. To
reduce unwanted capacitance, create a window around the
signal I/O pins in all of the ground and power planes around
those pins. Otherwise, ground and power planes should be
unbroken elsewhere on the board.
b) Minimize the distance (< 0.25”) from the power supply pins
to high frequency 0.1
µF decoupling capacitors. At the device
pins, the ground and power plane layout should not be in close
proximity to the signal I/O pins. Avoid narrow power and ground
traces to minimize inductance between the pins and the decou-
pling capacitors. The power supply connections should always
be decoupled with these capacitors. Larger (2.2
µF to 6.8µF)
decoupling capacitors, effective at lower frequency, should also
be used on the supply pins. These may be placed somewhat
farther from the device and may be shared among several
devices in the same area of the PC board.
c) Careful selection and placement of external compo-
nents will preserve the high frequency performance of the
OPA693. Use resistors that have low reactance at high
frequencies. Surface-mount resistors work best and allow a
tighter overall layout. Metal film and carbon composition axi-
ally-leaded resistors can also provide good high-frequency
performance. Again, keep their leads and PC board trace
length as short as possible. Never use wirewound type resis-
tors in a high-frequency application. Since the output pin and
inverting input pin are the most sensitive to parasitic capaci-
tance, always position the series output resistor, if any, as
close as possible to the output pin. Since the inverting input
node is internal for the OPA693, it is more robust to layout
issues than amplifiers with similar speed but external feedback
and gain resistors. Other network components, such as
noninverting input termination resistors, should also be placed
close to the package. Good axial metal film or surface mount
resistors have approximately 0.2pF in shunt with the resistor.
For resistor values > 2.0k
Ω, this parasitic capacitance can add
a pole and/or zero below 400MHz that can effect circuit
operation. Keep resistor values as low as possible consistent
with load driving considerations.
d) Connections to other wideband devices on the PC board
may be made with short direct traces or through onboard
transmission lines. For short connections, consider the trace
and the input to the next device as a lumped capacitive load.
Relatively wide traces (50 to 100mils) should be used, prefer-
ably with ground and power planes opened up around them.
Estimate the total capacitive load and set RS from the plot of
Recommended RS vs Capacitive Load. Low parasitic capacitive
loads (< 4pF) may not need an RS since the OPA693 is
nominally compensated to operate with a 2pF parasitic load. If
a long trace is required, and the 6dB signal loss intrinsic to a
doubly-terminated transmission line is acceptable, implement a
matched impedance transmission line using microstrip or stripline
techniques (consult an ECL design handbook for microstrip and
stripline layout techniques). A 50
Ω environment is normally not
necessary on board, and in fact, a higher impedance environ-
ment will improve distortion, as shown in the distortion versus
load plots. With a characteristic board trace impedance defined
based on board material and trace dimensions, a matching
series resistor into the trace from the output of the OPA693 is
used, as well as a terminating shunt resistor at the input of the
destination device. Remember also that the terminating imped-
ance will be the parallel combination of the shunt resistor and
the input impedance of the destination device; this total effective
impedance should be set to match the trace impedance. If the
6dB attenuation of a doubly-terminated transmission line is
unacceptable, a long trace can be series-terminated at the
source end only. Treat the trace as a capacitive load in this case
and set the series resistor value as shown in the plot of
Recommended RS vs Capacitive Load. This will not preserve
signal integrity as well as a doubly-terminated line. If the input
impedance of the destination device is low, there will be some
signal attenuation due to the voltage divider formed by the
series output into the terminating impedance.
e) Socketing a high-speed part like the OPA693 is not
recommended. The additional lead length and pin-to-pin
capacitance introduced by the socket can create an extremely
troublesome parasitic network, which can make it almost
impossible to achieve a smooth, stable frequency response.
Best results are obtained by soldering the OPA693 directly
onto the board.
INPUT AND ESD PROTECTION
The OPA693 is built using a very high-speed complementary
bipolar process. The internal junction breakdown voltages are
relatively low for these very small geometry devices. These
breakdowns are reflected in the Absolute Maximum Ratings
table. All device pins are protected with internal ESD protec-
tion diodes to the power supplies, as shown in Figure 16.
These diodes provide moderate protection to input overdrive
voltages above the supplies as well. The protection diodes can
typically support 30mA continuous current. Where higher
currents are possible (for example, in systems with
±15V
supply parts driving into the OPA693), current limiting series
resistors may be added on the noninverting input. Keep this
resistor value as low as possible since high values degrade
both noise performance and frequency response. The invert-
ing input already has a 300
Ω resistor from the external pin to
the internal summing junction for the op amp. This provides
considerable protection for that node.
Figure 16. Internal ESD Protection.
External
Pin
+V
CC
–V
CC
Internal
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com