Electronic Components Datasheet Search
  English  ▼

X  

OPA693IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA693IDBVT Datasheet HTML 7Page - Texas Instruments OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments OPA693IDBVT Datasheet HTML 10Page - Texas Instruments OPA693IDBVT Datasheet HTML 11Page - Texas Instruments OPA693IDBVT Datasheet HTML 12Page - Texas Instruments OPA693IDBVT Datasheet HTML 13Page - Texas Instruments OPA693IDBVT Datasheet HTML 14Page - Texas Instruments OPA693IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
OPA693
11
SBOS285A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
Time (500ns/div)
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
7
6
5
4
3
2
1
0
−1
−2
−3
G = +2
V
IN = 1VDC
R
L = 100Ω
See Figure 1
V
OUT
V
DIS
dG
0.12
0.10
0.08
0.06
0.04
0.02
0
Number of 150
Ω Loads
12
3
4
COMPOSITE VIDEO dG/dP
dP
dP
OPA693
Video In
Video Loads
−5V
+5V
DIS
Optional
1.0k
Ω
Pull-Down
75
Ω
No Pull-Down
With 1.0k
Ω Pull-Down
dG
6
5
4
3
2
1
0
2.0
3.0
3.5
4.5
5.5
2.5
4.0
5.0
6.5
6.0
Supply Voltages (
±V)
COMMON-MODE INPUT AND OUTPUT SWING
vs SUPPLY VOLTAGE
Input
Output
1.0
0.5
0
−0.5
−1.0
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
16
8
0
−8
−16
V
IO
I
B
+
I
B
− (internal)
−20
−30
−40
−50
−60
−70
−80
−90
−100
10
100
1000
Frequency (MHz)
DISABLED FEEDTHRU vs FREQUENCY
G = +2
R
L = 100Ω
V
DIS = 0V
Forward and Reverse
See Figure 1
04
6
210
12
20
14
16
18
8
Time (2ns/div)
SETTLING TIME
20
15
10
5
0
−5
−10
−15
−20
G = +2
R
L = 100Ω
2V
→ 0V
Output Step
See Figure 1
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com