Electronic Components Datasheet Search
  English  ▼

X  

OPA693IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  OPA693IDBVT Datasheet HTML 1Page - Texas Instruments OPA693IDBVT Datasheet HTML 2Page - Texas Instruments OPA693IDBVT Datasheet HTML 3Page - Texas Instruments OPA693IDBVT Datasheet HTML 4Page - Texas Instruments OPA693IDBVT Datasheet HTML 5Page - Texas Instruments OPA693IDBVT Datasheet HTML 6Page - Texas Instruments OPA693IDBVT Datasheet HTML 7Page - Texas Instruments OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
OPA693
5
SBOS285A
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +5V
Boldface limits are tested at +25
°C.
G = +2 (–IN grounded though 0.001
µF) and R
L = 100Ω to VS/2 (see Figure 4 for AC performance only), unless otherwise noted.
OPA693ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C
+85
°C
UNITS
MAX LEVEL(2 )
AC PERFORMANCE (see Figure 4)
Small-Signal Bandwidth (VO < 1.0VPP)
G = +1
634
MHz
typ
C
G = +2
526
400
390
380
MHz
min
B
G = –1
512
MHz
typ
C
Bandwidth for 0.2dB Gain Flatness
G = +2, VO < 1.0VPP
210
110
100
96
MHz
min
B
Peaking at a Gain of +1
VO < 1.0VPP
1.9
2.6
3.6
3.9
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 2VPP
400
MHz
typ
C
Slew Rate
G = +2, 2V Step
1500
1200
1100
1000
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
0.8
ns
typ
C
G = +2, VO = 2V Step
1.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
16
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 2V Step
12
ns
typ
C
Harmonic Distortion
G = +2, f = 10MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω to VS/2
–66
–62
–62
–61
dBc
max
B
RL ≥ 500Ω to VS/2
–75
–69
–68
–68
dBc
max
B
3rd-Harmonic
RL = 100Ω to VS/2
–70
–64
–63
–62
dBc
max
B
RL ≥ 500Ω to VS /2
–69
–63
–62
–61
dBc
max
B
Input Voltage Noise
f > 1MHz
1.8
2
2.7
2.9
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
18
19
21
22
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
22
24
26
27
pA/
√Hz
max
B
DC PERFORMANCE(3)
Gain Error
G = +1
±0.2
%
typ
C
G = +2
±0.5
±1.2
±1.3
±1.4
%
max
A
G = –1
±0.4
±1.1
±1.2
±1.3
%
max
B
Internal RF and RG
Maximum
300
341
345
346
Ω
max
B
Minimum
300
264
260
259
Ω
min
B
Average Drift
0.03
0.03
0.03
%/C
°
max
B
Input Offset Voltage
VCM = 2.5V
±0.3
±2.5
±2.8
±3.0
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
±5
±8
µV/°Cmax
B
Noninverting Input Bias Current
VCM = 2.5V
+5
±25
±33
±35
µAmax
A
Average Noninverting Input Bias Current Drift
VCM = 2.5V
±170
±170
nA/
°Cmax
B
Inverting Input Bias Current
VCM = 2.5V
±20
±50
±52
±54
µAmax
A
Average Inverting Input Bias Current Drift
VCM = 2.5V
±50
±60
nA
°Cmax
B
INPUT
Least Positive Input Voltage
1.6
1.7
1.8
1.8
V
max
B
Most Positive Input Voltage
3.4
3.3
3.2
3.2
V
min
B
Noninverting Input Impedance
300 || 1.2
k
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4.1
3.9
3.9
3.8
V
min
A
RL = 100Ω
3.9
3.8
3.8
3.7
V
min
A
Least Positive Output Voltage
No Load
0.9
1.1
1.1
1.2
V
max
A
RL = 100Ω
1.1
1.2
1.2
1.3
V
max
A
Current Output, Sourcing
+120
+90
+80
+70
mA
min
A
Current Output, Sinking
–120
–90
–80
–70
mA
min
A
Output Impedance
G = +2, f = 100kHz
0.18
Ω
typ
C
(1) Junction temperature = ambient temperature for low temperature limit and +25
°C specifications. Junction temperature = ambient temperature +10°C at high
temperature limit specifications.
(2) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation.
(B) Limits set by characterization and simulation.
(C) Typical value only for information.
(3) Current is considered positive out-of-node. VCM is the input common-mode voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com