Electronic Components Datasheet Search
  English  ▼

X  

OPA693IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA693IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA693IDBVT Datasheet HTML 8Page - Texas Instruments OPA693IDBVT Datasheet HTML 9Page - Texas Instruments OPA693IDBVT Datasheet HTML 10Page - Texas Instruments OPA693IDBVT Datasheet HTML 11Page - Texas Instruments OPA693IDBVT Datasheet HTML 12Page - Texas Instruments OPA693IDBVT Datasheet HTML 13Page - Texas Instruments OPA693IDBVT Datasheet HTML 14Page - Texas Instruments OPA693IDBVT Datasheet HTML 15Page - Texas Instruments OPA693IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
OPA693
12
SBOS285A
www.ti.com
Time (2ns/div)
GAIN OF +1 PULSE RESPONSE
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
R
L = 100Ω
See Figure 5
Large Signal
Small Signal
Time (2ns/div)
GAIN OF +2 PULSE RESPONSE
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
R
L = 100Ω
See Figure 4
Large Signal
Small Signal
800
750
700
650
600
550
500
450
400
46
7
9
11
5
8
10
12
Single-Supply Voltage (V)
SMALL-SIGNAL BANDWIDTH
vs SINGLE-SUPPLY VOLTAGE
G = +2
V
O = 0.5VPP
R
L = 100Ω
See Figure 4
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
0
50
100
150
200
Frequency (MHz)
FREQUENCY RESPONSE FLATNESS vs LOAD
R
L = 100Ω
R
L = 75Ω
R
L = 150Ω
R
L = 200Ω
G = +2
V
O = 1VPP
See Figure 4
8
7
6
5
4
3
2
1
0
−1
0
200
400
600
800
1000
Frequency (MHz)
LARGE-SIGNAL FREQUENCY RESPONSE
V
O = 2VPP
V
O = 1VPP
V
O = 3VPP
G = +2
R
L = 100Ω
See Figure 4
3
2
1
0
−1
−2
−3
−4
−5
−6
1
10
100
1000
Frequency (MHz)
SMALL-SIGNAL FREQUENCY RESPONSE
V
O = 1VPP
G =
−1
G = +2
G = +1
TYPICAL CHARACTERISTICS: V
S = +5V
At TA = +25°C, G = +2, and RL = 100Ω to VS/2, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com