Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 8Page - Texas Instruments OPA692 Datasheet HTML 9Page - Texas Instruments OPA692 Datasheet HTML 10Page - Texas Instruments OPA692 Datasheet HTML 11Page - Texas Instruments OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
OPA690
12
SBOS223A
www.ti.com
1V of either supply pin while delivering > 100mA output current.
A demanding 100
Ω load to a midpoint bias is used in this
characterization circuit. The new output stage circuit used in the
OPA690 can deliver large bipolar output currents into this
midpoint load with minimal crossover distortion, as shown in the
+5V supply, 3rd-harmonic distortion plots.
SINGLE-SUPPLY ADC INTERFACE
Most modern, high performance ADC (such as the TI ADS8xx
and ADS9xx series) operate on a single +5V (or lower) power
supply. It has been a considerable challenge for single-supply
op amps to deliver a low distortion input signal at the ADC input
for signal frequencies exceeding 5MHz. The high slew rate,
exceptional output swing, and high linearity of the OPA690
make it an ideal single-supply ADC driver. The circuit on the
front page shows one possible (inverting) interface. Figure 3
shows the test circuit of Figure 2 modified for a capacitive (ADC)
load and with an optional output pull-down resistor (RB).
The OPA690 in the circuit of Figure 3 provides > 200MHz
bandwidth for a 2Vp-p output swing. Minimal 3rd-harmonic
distortion or 2-tone, 3rd-order intermodulation distortion will be
observed due to the very low crossover distortion in the OPA690
output stage. The limit of output Spurious-Free Dynamic Range
(SFDR) will be set by the 2nd-harmonic distortion. Without RB,
the circuit of Figure 3 measured at 10MHz shows an SFDR of
57dBc. This may be improved by pulling additional DC bias
current (IB) out of the output stage through the optional RB
resistor to ground (the output midpoint is at 2.5V for Figure 3).
Adjusting IB gives the improvement in SFDR shown in Figure 4.
SFDR improvement is achieved for IB values up to 5mA, with
worse performance for higher values.
FIGURE 4. SFDR versus IB.
HIGH-PERFORMANCE DAC TRANSIMPEDANCE
AMPLIFIER
High-frequency DDS Digital-to-Analog Converters (DACs)
require a low distortion output amplifier to retain their
SFDR performance into real-world loads. See Figure 5
for a single-ended output drive implementation. In this
circuit, only one side of the complementary output drive
signal is used. The diagram shows the signal output
current connected into the virtual ground summing junc-
tion of the OPA690, which is set up as a transimpedance
stage or “I-V converter”. The unused current output of the
DAC is connected to ground. If the DAC requires its
outputs terminated to a compliance voltage other than
ground for operation, the appropriate voltage level may
be applied to the noninverting input of the OPA690. The
FIGURE 3. Single-Supply ADC Input Driver.
OPA690
402
Ω
50
Ω
402
Ω
59
Ω
1Vp-p
698
Ω
698
Ω
V
I
+5V
DIS
0.1
µF
R
S
30
Ω
I
B
R
B
50pF
0.1
µF
2.5V DC
±1V AC
ADC Input
Power-Supply Decoupling Not Shown
70
68
66
64
62
60
58
56
54
52
50
Output Pull-Down Current (mA)
01
2
3
4
5
67
89
10
V
O = 2Vp-p, 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com