Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments OPA692 Datasheet HTML 17Page - Texas Instruments OPA692 Datasheet HTML 18Page - Texas Instruments OPA692 Datasheet HTML 19Page - Texas Instruments OPA692 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
OPA690
16
SBOS223A
www.ti.com
The minimum specified output voltage and current specifica-
tions over temperature are set by worst-case simulations at
the cold temperature extreme. Only at cold startup will the
output current and voltage decrease to the numbers shown
in the tested tables. As the output transistors deliver power,
their junction temperatures will increase, decreasing their
VBE’s (increasing the available output voltage swing) and
increasing their current gains (increasing the available out-
put current). In steady-state operation, the available output
voltage and current will always be greater than that shown in
the over-temperature specifications since the output stage
junction temperatures will be higher than the minimum speci-
fied operating ambient.
To protect the output stage from accidental shorts to ground
and the power supplies, output short-circuit protection is
included in the OPA690. The circuit acts to limit the maxi-
mum source or sink current to approximately 250mA.
DRIVING CAPACITIVE LOADS
One of the most demanding and yet very common load
conditions for an op amp is capacitive loading. Often, the
capacitive load is the input of an ADC—including additional
external capacitance which may be recommended to im-
prove ADC linearity. A high-speed, high open-loop gain
amplifier like the OPA690 can be very susceptible to de-
creased stability and closed-loop response peaking when a
capacitive load is placed directly on the output pin. When the
amplifier’s open-loop output resistance is considered, this
capacitive load introduces an additional pole in the signal
path that can decrease the phase margin. Several external
solutions to this problem have been suggested. When the
primary considerations are frequency response flatness,
pulse response fidelity, and/or distortion, the simplest and
most effective solution is to isolate the capacitive load from
the feedback loop by inserting a series isolation resistor
between the amplifier output and the capacitive load. This
does not eliminate the pole from the loop response, but
rather shifts it and adds a zero at a higher frequency. The
additional zero acts to cancel the phase lag from the capaci-
tive load pole, thus increasing the phase margin and improv-
ing stability.
The Typical Characteristics show the recommended RS
versus capacitive load and the resulting frequency response
at the load. Parasitic capacitive loads greater than 2pF can
begin to degrade the performance of the OPA690. Long PC
board traces, unmatched cables, and connections to multiple
devices can easily exceed this value. Always consider this
effect carefully, and add the recommended series resistor as
close as possible to the OPA690 output pin (see Board
Layout Guidelines).
The criterion for setting this RS resistor is a maximum
bandwidth, flat frequency response at the load. For the
OPA690 operating in a gain of +2, the frequency response
at the output pin is already slightly peaked without the
capacitive load requiring relatively high values of RS to flatten
the response at the load. Increasing the noise gain will
reduce the peaking as described previously. The circuit of
Figure 9 demonstrates this technique, allowing lower values
of RS to be used for a given capacitive load.
OPA690
402
Ω
175
Ω
402
Ω
+5V
50
Ω
50
Ω
C
L
R
NG
V
O
R
–5V
Power-supply decoupling not shown.
FIGURE 9. Capacitive Load Driving with Noise Gain Tuning.
FIGURE 10. Required RS vs Noise Gain.
100
90
80
70
60
50
40
30
20
10
0
Capacitive Load (pF)
1
10
100
1000
NG = 2
NG = 3
NG = 4
This gain of +2 circuit includes a noise gain tuning resistor
across the two inputs to increase the noise gain, increasing the
unloaded phase margin for the op amp. Although this tech-
nique will reduce the required RS resistor for a given capacitive
load, it does increase the noise at the output. It also will
decrease the loop gain, slightly decreasing the distortion per-
formance. If, however, the dominant distortion mechanism
arises from a high RS value, significant dynamic range im-
provement can be achieved using this technique. Figure 10
shows the required RS versus CLOAD parametric on noise gain
using this technique. This is the circuit of Figure 9 with RNG
adjusted to increase the noise gain (increasing the phase
margin) then sweeping CLOAD and finding the required RS to
get a flat frequency response. This plot also gives the required
RS versus CLOAD for the OPA690 operated at higher signal
gains.
DISTORTION PERFORMANCE
The OPA690 provides good distortion performance into
a 100
Ω load on ±5V supplies. Relative to alternative solu-
tions, it provides exceptional performance into lighter loads
and/or operating on a single +5V supply. Generally, until the
fundamental signal reaches very high frequency or power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com