Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments OPA692 Datasheet HTML 17Page - Texas Instruments OPA692 Datasheet HTML 18Page - Texas Instruments OPA692 Datasheet HTML 19Page - Texas Instruments OPA692 Datasheet HTML 20Page - Texas Instruments OPA692 Datasheet HTML 21Page - Texas Instruments OPA692 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
OPA690
19
SBOS223A
www.ti.com
a) Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Parasitic capacitance on the output and
inverting input pins can cause instability: on the noninverting
input, it can react with the source impedance to cause
unintentional bandlimiting. To reduce unwanted capacitance,
a window around the signal I/O pins should be opened in all
of the ground and power planes around those pins. Other-
wise, ground and power planes should be unbroken else-
where on the board.
b) Minimize the distance (< 0.25") from the power-supply
pins to high-frequency 0.1
µF decoupling capacitors. At the
device pins, the ground and power plane layout should not
be in close proximity to the signal I/O pins. Avoid narrow
power and ground traces to minimize inductance between
the pins and the decoupling capacitors. The power-supply
connections should always be decoupled with these capaci-
tors. An optional supply decoupling capacitor (0.1
µF) across
the two power supplies (for bipolar operation) will improve
2nd-harmonic distortion performance. Larger (2.2
µF to 6.8µF)
decoupling capacitors, effective at lower frequency, should
also be used on the main supply pins. These may be placed
somewhat farther from the device and may be shared among
several devices in the same area of the PC board.
c) Careful selection and placement of external compo-
nents will preserve the high-frequency performance of
the OPA690. Resistors should be a very low reactance type.
Surface-mount resistors work best and allow a tighter overall
layout. Metal film or carbon composition axially-leaded resis-
tors can also provide good high-frequency performance.
Again, keep their leads and PC board traces as short as
possible. Never use wirewound type resistors in a high-
frequency application. Since the output pin and inverting
input pin are the most sensitive to parasitic capacitance,
always position the feedback and series output resistor, if
any, as close as possible to the output pin. Other network
components, such as noninverting input termination resis-
tors, should also be placed close to the package. Where
double-side component mounting is allowed, place the feed-
back resistor directly under the package on the other side of
the board between the output and inverting input pins. Even
with a low parasitic capacitance shunting the external resis-
tors, excessively high resistor values can create significant
time constants that can degrade performance. Good axial
metal film or surface-mount resistors have approximately
0.2pF in shunt with the resistor. For resistor values > 1.5k
Ω,
this parasitic capacitance can add a pole and/or zero below
500MHz that can effect circuit operation. Keep resistor val-
ues as low as possible consistent with load driving consider-
ations. The 402
Ω feedback used in the Electrical Character-
istics is a good starting point for design. Note that a 25
Ω
feedback resistor, rather than a direct short, is suggested for
the unity-gain follower application. This effectively isolates
the inverting input capacitance from the output pin that would
otherwise cause an additional peaking in the gain of +1
frequency response.
The transition edge rate (dv/dt) of the DIS control line will
influence this glitch. For the plot of Figure 14, the edge rate
was reduced until no further reduction in glitch amplitude was
observed. This approximately 1V/ns maximum slew rate may
be achieved by adding a simple RC filter into the DIS pin
from a higher speed logic line. If extremely fast transition
logic is used, a 1k
Ω series resistor between the logic gate
and the DIS input pin will provide adequate bandlimiting
using just the parasitic input capacitance on the DIS pin
while still ensuring adequate logic level swing.
THERMAL ANALYSIS
Due to the high output power capability of the OPA690,
heatsinking or forced airflow may be required under extreme
operating conditions. Maximum desired junction temperature
will set the maximum allowed internal power dissipation as
described below. In no case should the maximum junction
temperature be allowed to exceed 175
°C.
Operating junction temperature (TJ) is given by TA + PD • θJA.
The total internal power dissipation (PD) is the sum of
quiescent power (PDQ) and additional power dissipated in the
output stage (PDL) to deliver load power. Quiescent power is
simply the specified no-load supply current times the total
supply voltage across the part. PDL will depend on the
required output signal and load but would, for a grounded
resistive load, be at a maximum when the output is fixed at
a voltage equal to 1/2 of either supply voltage (for equal
bipolar supplies). Under this condition, PDL = VS2/(4 • RL)
where RL includes feedback network loading.
Note that it is the power in the output stage and not into the
load that determines internal power dissipation.
As a worst-case example, compute the maximum TJ using an
OPA690IDBV (SOT23-6 package) in the circuit of Figure 1
operating at the maximum specified ambient temperature of
+85
°C and driving a grounded 20Ω load.
PD = 10V • 6.2mA + 52/(4 • (20Ω || 804Ω)) = 382mW
Maximum TJ = +85°C + (0.38W • 150°C/W) = 142°C.
Although this is still well below the specified maximum
junction temperature, system reliability considerations may
require lower tested junction temperatures. The highest pos-
sible internal dissipation will occur if the load requires current
to be forced into the output for positive output voltages or
sourced from the output for negative output voltages. This
puts a high current through a large internal voltage drop in
the output transistors. The output V-I plot shown in the
Typical Characteristics include a boundary for 1W maximum
internal power dissipation under these conditions.
BOARD LAYOUT GUIDELINES
Achieving optimum performance with a high-frequency am-
plifier like the OPA690 requires careful attention to board
layout parasitics and external component types. Recommen-
dations that will optimize performance include:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com