Electronic Components Datasheet Search
  English  ▼

X  

OPA692 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA692
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA692 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA692 Datasheet HTML 10Page - Texas Instruments OPA692 Datasheet HTML 11Page - Texas Instruments OPA692 Datasheet HTML 12Page - Texas Instruments OPA692 Datasheet HTML 13Page - Texas Instruments OPA692 Datasheet HTML 14Page - Texas Instruments OPA692 Datasheet HTML 15Page - Texas Instruments OPA692 Datasheet HTML 16Page - Texas Instruments OPA692 Datasheet HTML 17Page - Texas Instruments OPA692 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
OPA690
14
SBOS223A
www.ti.com
midband signal gain is set to +4 (12dB) in this case. The
capacitor to ground on the noninverting input is intentionally
set larger to dominate input parasitic terms. At a gain of +4,
the OPA690 on a single supply will show ~80MHz small- and
large-signal bandwidth. The resistor values have been slightly
adjusted to account for this limited bandwidth in the amplifier
stage. Tests of this circuit show a precise 5MHz, –3dB point
with a maximally flat passband (above the 32kHz AC-cou-
pling corner), and a maximum stopband attenuation of 36dB
at the amplifier’s –3dB bandwidth of 80MHz.
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Several PC boards are available to assist in the initial evalu-
ation of circuit performance using the OPA690 in its three
package styles. All of these are available free as an
unpopulated PC board delivered with descriptive documenta-
tion. The summary information for these boards is shown
below:
BOARD
LITERATURE
PART
REQUEST
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA690ID
SO-8
DEM-OPA68xU
SBOU009
OPA690IDBV
SOT23-6
DEM-OPA6xxN
SBOU010
The board can be requested on Texas Instruments’ web site
(www.ti.com.).
MACROMODELS AND APPLICATIONS SUPPORT
Computer simulation of circuit performance using SPICE is
often useful when analyzing the performance of analog
circuits and systems. This is particularly true for Video and
RF amplifier circuits where parasitic capacitance and induc-
tance can have a major effect on circuit performance. A
SPICE model for the OPA690 is available through the Texas
Instruments internet web page (http://www.ti.com). These
models do a good job of predicting small-signal AC and
transient performance under a wide variety of operating
conditions. They do not do as well in predicting the harmonic
distortion or dG/dP characteristics. These models do not
attempt to distinguish between the package types in their
small-signal AC performance.
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
Since the OPA690 is a unity-gain stable voltage feedback op
amp, a wide range of resistor values may be used for the
feedback and gain setting resistors. The primary limits on these
values are set by dynamic range (noise and distortion) and
parasitic capacitance considerations. For a noninverting unity-
gain follower application, the feedback connection should be
made with a 25
Ω resistor, not a direct short. This will isolate the
inverting input capacitance from the output pin and improve the
frequency response flatness. Usually, for G > 1 application, the
feedback resistor value should be between 200
Ω and 1.5kΩ.
Below 200
Ω, the feedback network will present additional
output loading which can degrade the harmonic distortion
performance of the OPA690. Above 1.5k
Ω, the typical parasitic
capacitance (approximately 0.2pF) across the feedback resistor
may cause unintentional band-limiting in the amplifier response.
A good rule of thumb is to target the parallel combination of RF
and RG (see Figure 1) to be less than approximately 300Ω. The
combined impedance RF || RG interacts with the inverting input
capacitance, placing an additional pole in the feedback network
and thus, a zero in the forward response. Assuming a 2pF total
parasitic on the inverting node, holding RF || RG < 300Ω will keep
this pole above 250MHz. By itself, this constraint implies that the
feedback resistor RF can increase to several kΩ at high gains.
This is acceptable as long as the pole formed by RF and any
parasitic capacitance appearing in parallel is kept out of the
frequency range of interest.
BANDWIDTH VERSUS GAIN: NONINVERTING
OPERATION
Voltage feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the Gain Bandwidth Product
(GBP) shown in the specifications. Ideally, dividing GBP by
the noninverting signal gain (also called the Noise Gain, or
NG) will predict the closed-loop bandwidth. In practice, this
only holds true when the phase margin approaches 90
°, as
it does in high gain configurations. At low gains (increased
feedback factors), most amplifiers will exhibit a more com-
plex response with lower phase margin. The OPA690 is
compensated to give a slightly peaked response in a
noninverting gain of 2 (see Figure 1). This results in a typical
gain of +2 bandwidth of 220MHz, far exceeding that pre-
dicted by dividing the 300MHz GBP by 2. Increasing the gain
will cause the phase margin to approach 90
° and the band-
width to more closely approach the predicted value of (GBP/
NG). At a gain of +10, the 30MHz bandwidth shown in the
Electrical Characteristics agrees with that predicted using the
simple formula and the typical GBP of 300MHz.
Frequency response in a gain of +2 may be modified to
achieve exceptional flatness simply by increasing the noise
gain to 2.5. One way to do this, without affecting the +2 signal
gain, is to add an 804
Ω resistor across the two inputs in the
circuit of Figure 1. A similar technique may be used to reduce
peaking in unity-gain (voltage follower) applications. For
example, by using a 402
Ω feedback resistor along with a
402
Ω resistor across the two op amp inputs, the voltage
follower response will be similar to the gain of +2 response
of Figure 2. Further reducing the value of the resistor across
the op amp inputs will further dampen the frequency re-
sponse due to increased noise gain.
The OPA690 exhibits minimal bandwidth reduction going to
single-supply (+5V) operation as compared with
±5V. This is
because the internal bias control circuitry retains nearly
constant quiescent current as the total supply voltage be-
tween the supply pins is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com