Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA682
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 4 Page - Texas Instruments

  OPA682 Datasheet HTML 1Page - Texas Instruments OPA682 Datasheet HTML 2Page - Texas Instruments OPA682 Datasheet HTML 3Page - Texas Instruments OPA682 Datasheet HTML 4Page - Texas Instruments OPA682 Datasheet HTML 5Page - Texas Instruments OPA682 Datasheet HTML 6Page - Texas Instruments OPA682 Datasheet HTML 7Page - Texas Instruments OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
®
OPA682
SPECIFICATIONS: VS = +5V
G = +2 (–IN grounded though 0.1
µF) and R
L = 100Ω to VS/2 (Figure 2 for AC performance only), unless otherwise noted.
OPA682P, U, N
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(2)
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth (VO < 0.5Vp-p)
G = +1
290
MHz
typ
C
G = +2
220
180
140
110
MHz
min
B
G = –1
200
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p
100
50
35
23
MHz
min
B
Peaking at a Gain of +1
VO < 0.5Vp-p
0.4
2
4
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 2Vp-p
210
MHz
typ
C
Slew Rate
G = +2, 2V Step
830
700
680
570
V/
µs
min
B
Rise/Fall Time
G = +2, VO = 0.5V Step
1.5
ns
typ
C
G = +2, VO = 2V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
14
ns
typ
C
0.1%
G = +2, VO = 2V Step
9
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω to VS/2
–62
–56
–55
–53
dBc
max
B
RL ≥ 500Ω to VS/2
–69
–62
–61
–59
dBc
max
B
3rd Harmonic
RL = 100Ω to VS/2
–71
–64
–63
–61
dBc
max
B
RL ≥ 500Ω to VS /2
–73
–68
–67
–65
dBc
max
B
Input Voltage Noise
f > 1MHz
2.2
3.0
3.4
3.6
nV/
√Hz
max
B
Non-Inverting Input Current Noise
f > 1MHz
12
14
14
15
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
15
18
18
19
pA/
√Hz
max
B
DC PERFORMANCE(3)
Gain Error
G = +1
±0.2
%
typ
C
G = +2
±0.3
±1.5
%
max
A
G = –1
±0.2
±1.5
%
max
B
Internal RF and RG
Maximum
400
480
510
520
Ω
max
B
Minimum
400
320
310
290
Ω
min
B
Average Drift
0.13
0.13
0.13
%/C
°
max
B
Input Offset Voltage
VCM = 2.5V
±1
±5
±6
±7
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
+15
+20
µV/°C
max
B
Non-Inverting Input Bias Current
VCM = 2.5V
+40
+65
+75
+95
µA
max
A
Average Non-Inverting Input Bias Current Drift
VCM = 2.5V
–300
–350
nA/
°C
max
B
Inverting Input Bias Current
VCM = 2.5V
±5
±20
±25
±35
µA
max
A
Average Inverting Input Bias Current Drift
VCM = 2.5V
–125
–175
nA
°C
max
B
INPUT
Least Positive Input Voltage
1.5
1.6
1.7
1.8
V
max
B
Most Positive Input Voltage
3.5
3.4
3.3
3.2
V
min
B
Non-Inverting Input Impedance
100 || 2
k
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4.0
3.8
3.7
3.5
V
min
A
RL = 100Ω
3.9
3.7
3.6
3.4
V
min
A
Least Positive Output Voltage
No Load
1.0
1.2
1.3
1.5
V
max
A
RL = 100Ω
1.1
1.3
1.4
1.6
V
max
A
Current Output, Sourcing
+150
+110
+110
+60
mA
min
A
Sinking
–110
–75
–70
–50
mA
min
A
Output Impedance
G = +2, f = 100kHz
0.03
Ω
typ
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com