Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA682
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 5 Page - Texas Instruments

  OPA682 Datasheet HTML 1Page - Texas Instruments OPA682 Datasheet HTML 2Page - Texas Instruments OPA682 Datasheet HTML 3Page - Texas Instruments OPA682 Datasheet HTML 4Page - Texas Instruments OPA682 Datasheet HTML 5Page - Texas Instruments OPA682 Datasheet HTML 6Page - Texas Instruments OPA682 Datasheet HTML 7Page - Texas Instruments OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
®
OPA682
SPECIFICATIONS: VS = +5V (Cont.)
G = +2 (–IN grounded though 0.1
µF) and R
L = 100Ω to VS/2 (Figure 2 for AC performance only), unless otherwise noted.
OPA682P, U, N
TYP
GUARANTEED(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX LEVEL(2)
DISABLE/POWER DOWN (DIS Pin)
Power Down Supply Current (+VS)VDIS = 0
–270
µA
typ
C
Disable Time
100
ns
typ
C
Enable Time
25
ns
typ
C
Off Isolation
G = +2, 5MHz
65
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = 2.5V
±50
mV
typ
B
Turn Off Glitch
G = +2, RL = 150Ω, VIN = 2.5V
±20
mV
typ
B
Enable Voltage
3.3
3.5
3.6
3.7
V
min
B
Disable Voltage
1.8
1.7
1.6
1.5
V
max
B
Control Pin Input Bias Current (DIS)
VDIS = 0
100
µA
typ
C
POWER SUPPLY
Specified Single Supply Operating Voltage
5
V
typ
C
Maximum Single Supply Operating Voltage
12
12
12
V
max
A
Max Quiescent Current
VS = +5V
4.8
5.3
5.4
5.4
mA
max
A
Min Quiescent Current
VS = +5V
4.8
4.1
3.7
3.6
mA
min
A
Power Supply Rejection Ratio (+PSRR)
Input Referred
50
dB
typ
C
TEMPERATURE RANGE
Specification: P, U, N
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
P
8-Pin DIP
100
°C/W
typ
C
U
SO-8
125
°C/W
typ
C
N
SOT23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and 25
°C guaranteed specifications. Junction temperature = ambient temperature
+23
°C at high temperature limit guaranteed specifications. (2) Test Levels: (A) 100% tested at 25°C. Over temperature limits by characterization and simulation.
(B) Limits set by characterization and simulation. (C) Typical value only for information. (3) Current is considered positive out-of-node. VCM is the input common-
mode voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com