Electronic Components Datasheet Search
  English  ▼

X  

OPA682 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA682
Description  Wideband, Fixed Gain BUFFER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA682 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA682 Datasheet HTML 7Page - Texas Instruments OPA682 Datasheet HTML 8Page - Texas Instruments OPA682 Datasheet HTML 9Page - Texas Instruments OPA682 Datasheet HTML 10Page - Texas Instruments OPA682 Datasheet HTML 11Page - Texas Instruments OPA682 Datasheet HTML 12Page - Texas Instruments OPA682 Datasheet HTML 13Page - Texas Instruments OPA682 Datasheet HTML 14Page - Texas Instruments OPA682 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
®
OPA682
TYPICAL PERFORMANCE CURVES: VS = +5V
G = +2 and RL = 100Ω to VCM = +2.5V, unless otherwise noted (see Figure 2).
8
7
6
5
4
3
2
1
0
–1
–2
Frequency (25MHz/div)
0
250
125
LARGE-SIGNAL FREQUENCY RESPONSE
R
L = 100Ω to 2.5V
V
O = 0.5Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
2.10
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 0.5Vp-p
4.5
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 2Vp-p
70
60
50
40
30
20
10
0
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Frequency (50MHz/div)
0
500MHz
250MHz
SMALL-SIGNAL FREQUENCY RESPONSE
G = +1
G = –1
G = +2
15
12
9
6
3
0
–3
–6
–9
–12
–15
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (20MHz/div)
0
200MHz
100MHz
C
L = 22pF
C
L = 10pF
C
L = 47pF
C
L = 100pF
OPA682
400
Ω
400
Ω
57.6
Ω
806
Ω
806
Ω
1k
Ω
VIN
+5V
0.1
µF
VO
RS
(1k
Ω is optional)
CL
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com