Electronic Components Datasheet Search
  English  ▼

X  

GS2986 Datasheet(PDF) 37 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 33Page - Semtech Corporation GS2986 Datasheet HTML 34Page - Semtech Corporation GS2986 Datasheet HTML 35Page - Semtech Corporation GS2986 Datasheet HTML 36Page - Semtech Corporation GS2986 Datasheet HTML 37Page - Semtech Corporation GS2986 Datasheet HTML 38Page - Semtech Corporation GS2986 Datasheet HTML 39Page - Semtech Corporation GS2986 Datasheet HTML 40Page - Semtech Corporation GS2986 Datasheet HTML 41Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
37 of 41
5. Typical Application Circuit
Figure 5-1: GS2986 Typical Application Circuit
10n
DDI0
1
HIF
2
DDI0
3
4
DDI1
5
6
DDI1
7
8
DDI2
9
10
DDI2
DDI3
DDI3
21
22
23
24
25
26
27
28
29
30
VEE_DDO0
VCC_DDO0
DDO0
DDO0
VEE_DDO1
VCC_DDO1
DDO1/RCO
DDO1/RCO
DDO1_DISABLE
SD/HD
CP_CAP
GS2986
VCC
GND
10n
10n
27MHz
47n
18p
18p
VCC
GND
10n
GND
1u
10u
GND
10n
VCC
GND
VCC
GND
GND
HIF
Data Input 1
Data Input 0
Data Input 2
Data Input 3
Data Output 0
Data Output 1/
Serial Clock
1M
VCC
R*
220n
GND
Note: R* value is set to 267
Ω for 2.5v supply or 422Ω for 3.3v supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com