Electronic Components Datasheet Search
  English  ▼

X  

GS2986 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 6Page - Semtech Corporation GS2986 Datasheet HTML 7Page - Semtech Corporation GS2986 Datasheet HTML 8Page - Semtech Corporation GS2986 Datasheet HTML 9Page - Semtech Corporation GS2986 Datasheet HTML 10Page - Semtech Corporation GS2986 Datasheet HTML 11Page - Semtech Corporation GS2986 Datasheet HTML 12Page - Semtech Corporation GS2986 Datasheet HTML 13Page - Semtech Corporation GS2986 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
10 of 41
2.3 AC Electrical Characteristics
VOL (2.5V operation)
−
VDD = min, IOL = 100
μA
−−
0.2
V
VOL (3.3V operation)
VDD = min, IOL = 100
μA
−−
0.2
V
VOH (2.5V operation)
−
VDD = min, IOH = -100
μA2.1
−−
V
VOH (3.3V operation)
VDD = min, IOH = -100
μAVDD
-0.4
−−
V
Hysteresis Voltage (SPI inputs)
NOTE: guaranteed by simulation.
−
2.5V operation
−
350
−
mV
3.3V operation
−
350
−
mV
Table 2-1: DC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Table 2-2: AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Input Data Rate
(for reclocking)
DRSDO
−
0.27
−
2.97
Gb/s
−
Serial Input Data Rate
(bypass)
−
DC
−
2.97
Gb/s
−
SPI Operating Speed
−−
−
−
10
MHz
−
Input Voltage Swing
ΔVSDI
Set ATTEN_EN = 1 for
ΔVSDI>1Vpp
100
−
2000
mVp-pd
−
Output Voltage Swing
ΔVOD
default
300
400
500
mVp-pd
−
see DRIVER_1 register
(0x01) addresses 8 & 9 in
4.15.14 Host Register
Map.
600
800
1000
mVp-pd
−
Input Trace Equalization
−
LOW
Recommended setting for 0 to 10
inches of FR4
−
MED
Recommended setting for 10 to 20
inches of FR4
−
HIGH
Recommended setting for >20 inches
of FR4
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com