Electronic Components Datasheet Search
  English  ▼

X  

AL3050 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL3050_2 Datasheet HTML 1Page - Diodes Incorporated AL3050_2 Datasheet HTML 2Page - Diodes Incorporated AL3050_2 Datasheet HTML 3Page - Diodes Incorporated AL3050_2 Datasheet HTML 4Page - Diodes Incorporated AL3050_2 Datasheet HTML 5Page - Diodes Incorporated AL3050_2 Datasheet HTML 6Page - Diodes Incorporated AL3050_2 Datasheet HTML 7Page - Diodes Incorporated AL3050_2 Datasheet HTML 8Page - Diodes Incorporated AL3050_2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
1 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
SMALL PANEL BACKLIGHT LED DRIVER
Description
The AL3050 is a current mode Boost-type LED driver with
programmable brightness dimming control for portable devices. With
a 30V rated integrated MOSFET and power diode, the AL3050 can
support up to 8 LEDs in series. The small solution size, advanced
dimming features and high efficiency are suitable for LED backlight
solutions for single cell Li-ion based equipment. The boost converter
runs at 750kHz fixed switching frequency to reduce output ripple,
improve conversion efficiency, and allows for the use of small external
components.
The default LED current is adjustable by an external resister at FB pin
and the feedback voltage is regulated to 200mV typically. The
AL3050 provides PWM dimming mode and single wire digital dimming
mode for accurate LED current control from CTRL pin. In PWM
dimming mode, the feedback reference voltage is changed with the
PWM duty cycle proportionally and the available PWM frequency
range is from 20kHz to 100kHz. In single wire digital dimming mode, it
provides a programmable 32-step brightness dimming function with
the CTRL pin setting.
The AL3050 provides protection functions including Under Voltage
Lockout, Over Voltage Protection, Over Current Protection and Over
Temperature Protection to protect the circuit.
The AL3050 is available in U-DFN2020-6 (Type S) packages.
Features
2.7V to 5.5V Input Voltage Range
28V Open LED Protection (Up to 8 LEDs)
Integrated 0.7A/30V Internal MOSFET and Power Diode
200mV Reference with ±3% Accuracy
750kHz Switching Frequency
Flexible Digital and PWM Brightness Control
Single Wire Control Interface
PWM Dimming Control Interface
Up to 100:1 PWM Dimming Ratio
Integrated Loop Compensation
Built-in Soft-Start
Built-in OTP
Built-in OCP
Tiny Package with U-DFN2020-6 (Type S) Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
3
2
1
6
5
4
CTRL
VIN
VOUT
FB
GND
SW
Thermal
Pad
U-DFN2020-6 (Type S)
Applications
Feature Phones
Smart Phones
Portable Media Players
Ultra Mobile Devices
GPS Receivers
Backlight for Small and Media Form Factor LCD Display
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AL3050_2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL300 ETC-AL300 Datasheet
679Kb / 64P
LCD Monitor Controller
AL3000 ETC2-AL3000 Datasheet
24Kb / 2P
IP Frame Routing Processor
logo
AverLogic Technologies ...
AL300B-EVB-A0 AVERLOGIC-AL300B-EVB-A0 Datasheet
485Kb / 8P
Evaluation Board
logo
Yellow Stone Corp
AL3020TC-DPG YSTONE-AL3020TC-DPG Datasheet
573Kb / 3P
CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
More results

Similar Description - AL3050_2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com