Electronic Components Datasheet Search
  English  ▼

X  

AL3050 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AL3050_2 Datasheet HTML 8Page - Diodes Incorporated AL3050_2 Datasheet HTML 9Page - Diodes Incorporated AL3050_2 Datasheet HTML 10Page - Diodes Incorporated AL3050_2 Datasheet HTML 11Page - Diodes Incorporated AL3050_2 Datasheet HTML 12Page - Diodes Incorporated AL3050_2 Datasheet HTML 13Page - Diodes Incorporated AL3050_2 Datasheet HTML 14Page - Diodes Incorporated AL3050_2 Datasheet HTML 15Page - Diodes Incorporated AL3050_2 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
15 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (Type S)
U-DFN2020-6
(Type S)
Dim
Min
Max
Typ
A
0.51
0.61
0.56
A1
0.00
0.05
0.02
A3
--
--
0.203
b
0.25
0.35
0.30
D
1.95
2.05
2.00
D2
1.55
1.75
1.65
E
1.95
2.05
2.00
E2
0.86
1.06
0.96
e
0.650 BSC
k
--
--
0.22
L
0.25
0.35
0.30
z
--
--
0.20
z1
--
--
0.175
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN2020-6 (Type S)
Dimensions
Value
(in mm)
C
0.650
G
0.150
X
0.400
X1
1.690
X2
1.700
Y
0.500
Y1
1.000
Y2
2.300
D
D2
E
b
E2
A
A3 Seating Plane
Pin #1 ID
A1
e
L
z
k
z1
Y
G
X2
Y2 Y1
X1
C
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com