Electronic Components Datasheet Search
  English  ▼

X  

AL3050 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3050_2 Datasheet HTML 1Page - Diodes Incorporated AL3050_2 Datasheet HTML 2Page - Diodes Incorporated AL3050_2 Datasheet HTML 3Page - Diodes Incorporated AL3050_2 Datasheet HTML 4Page - Diodes Incorporated AL3050_2 Datasheet HTML 5Page - Diodes Incorporated AL3050_2 Datasheet HTML 6Page - Diodes Incorporated AL3050_2 Datasheet HTML 7Page - Diodes Incorporated AL3050_2 Datasheet HTML 8Page - Diodes Incorporated AL3050_2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
4 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Electrical Characteristics (VIN = 3.6V, CTRL = High, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
SUPPLY VOLTAGE (VIN PIN)
VIN
Input Voltage
-
2.7
-
5.5
V
IQ
Quiescent Current
Device enable, no switching
and no load (VFB = 0.4V)
-
0.3
0.5
mA
Device enable, switching
750kHz and no load (VFB = 0V)
-
0.5
1.65
ISHDN
Shutdown Supply Current
CRTL = GND
-
0.1
1
μA
UNDER VOLTAGE LOCKOUT
VUVLO
Input UVLO Threshold
VIN ramp down
-
2.2
2.35
V
VIN ramp up
-
2.5
2.65
V
VHYS
Input UVLO Hysteresis
-
-
300
-
mV
ENABLE CONTROL
VCTRL-H
CTRL Logic High Voltage
-
1.2
-
-
V
VCTRL-L
CTRL Logic Low Voltage
-
-
-
0.4
V
RCTRL
CTRL Pull Down Resistor
-
-
300
-
kΩ
tOFF (Note 5)
CTRL Pulse With to Shutdown
CTRL from high to low
3.5
-
-
ms
FEEDBACK AND REFERENCE (FB PIN)
VREF
Feedback Reference Voltage
Duty = 100%
194
200
206
mV
IFB
Feedback Input Bias Current
VFB = 200mV
-
-
2
μA
tREF (Note 5)
VREF Filter Time Constant
-
-
230
-
μs
HIGH FREQUENCY OSCILLATOR
fOSC
Oscillator Frequency
-
600
750
900
kHz
DMAX (Note 5)
Maximum Duty Cycle
VFB = 0V, measured on the
drive signal of the switch
MOSFET
88
94
-
%
POWER SWITCH AND DIODE
RDS(ON)
N-MOSFET On-Resistance
VIN = 3.6V
-
0.56
1
Ω
VF
Power Diode Forward Voltage
IDIODE = 0.2A
-
0.75
1
V
ILEAK_SW
SW Pin Leakage Current
VSW = 28V
-
0.1
2
μA
PROTECTION LOGIC
ILIM
N-MOSFET Current Limit
D = DMAX
0.6
0.7
0.84
A
ILIM_OPEN
LED Open Current Limit
LED open
-
0.3
-
A
VOVP
Open LED Protection Threshold
Measured on the VOUT pin
27
28.2
30
V
TOTSD (Note 5)
Thermal Shutdown Threshold
-
-
+160
-
ºC
THYS (Note 5)
Thermal Shutdown Hysteresis
-
-
+20
-
ºC
DIGITAL DIMMING TIMING (Note 5)
t1W_DET
Digital Dimming Detection Time
CTRL pin low
450
-
-
μs
t1W_DELAY
Digital Dimming Detection Delay
-
100
-
-
μs
t1W_WIN
Digital Dimming Detection Window Time
Measured from CTRL High
3.5
-
-
ms
tSTART
Start Time of Program Stream
-
3.5
-
-
μs
tEOS
End Time Of Program Stream
3.5
-
600
μs
tH_LB
High Time Low Bit
Logic 0
3.5
-
300
μs
tL_LB
Low Time Low Bit
Logic 0
2×tH_LB
-
600
μs
tH_HB
High Time High Bit
Logic 1
2×tL_HB
-
600
μs
tL_HB
Low Time High Bit
Logic 1
3.5
-
300
μs
VACKN
Acknowledge Output Voltage Low
Open Drain, RPULL-UP=15KΩ to
VIN
-
-
0.4
V
tVAL_ACKN
Acknowledge Valid Time
-
-
-
3.5
μs
tACKN
Duration of Acknowledge Condition
-
-
-
900
μs
Note:
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com