Electronic Components Datasheet Search
  English  ▼

X  

LM5102 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5102
Description  High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5102 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5102 Datasheet HTML 1Page - National Semiconductor (TI) LM5102 Datasheet HTML 2Page - National Semiconductor (TI) LM5102 Datasheet HTML 3Page - National Semiconductor (TI) LM5102 Datasheet HTML 4Page - National Semiconductor (TI) LM5102 Datasheet HTML 5Page - National Semiconductor (TI) LM5102 Datasheet HTML 6Page - National Semiconductor (TI) LM5102 Datasheet HTML 7Page - National Semiconductor (TI) LM5102 Datasheet HTML 8Page - National Semiconductor (TI) LM5102 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics Specifications in standard typeface are for T
J = +25˚C, and those in boldface type
apply over the full operating junction temperature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V,
RT1 = RT2 = 100k
Ω. No Load on LO or HO. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OHH
High-Level Output Voltage
I
HO = –100 mA,
V
OHH =VHB –VHO
0.35
0.55
V
I
OHH
Peak Pullup Current
V
HO = 0V
1.6
A
I
OLH
Peak Pulldown Current
V
HO = 12V
1.8
A
THERMAL RESISTANCE
θ
JA
Junction to Ambient
MSOP
200
˚C/W
LLP-10 (Note 3)
40
Switching Characteristics Specifications in standard typeface are for T
J = +25˚C, and those in boldface
type apply over the full operating junction temperature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS =
0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LPHL
Lower Turn-Off Propagation Delay LM5102
(LI Falling to LO Falling)
27
56
ns
t
HPHL
Upper Turn-Off Propagation Delay LM5102
(HI Falling to HO Falling)
27
56
ns
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
15
ns
t
R,tF
Either Output Rise/Fall Time (3V to 9V)
C
L = 0.1 µF
0.6
µs
t
BS
Bootstrap Diode Turn-Off Time
I
F = 20 mA, IR = 200 mA
50
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2, Pin 3 and Pin 4 which are
rated at 500V.
Note 3: 4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm ground and power
planes embedded in PCB. See Application Note AN-1187.
Note 4: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com