Electronic Components Datasheet Search
  English  ▼

X  

LM5102 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5102
Description  High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5102 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5102 Datasheet HTML 1Page - National Semiconductor (TI) LM5102 Datasheet HTML 2Page - National Semiconductor (TI) LM5102 Datasheet HTML 3Page - National Semiconductor (TI) LM5102 Datasheet HTML 4Page - National Semiconductor (TI) LM5102 Datasheet HTML 5Page - National Semiconductor (TI) LM5102 Datasheet HTML 6Page - National Semiconductor (TI) LM5102 Datasheet HTML 7Page - National Semiconductor (TI) LM5102 Datasheet HTML 8Page - National Semiconductor (TI) LM5102 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM5102
High Voltage Half-Bridge Gate Driver with Programmable
Delay
General Description
The LM5102 High Voltage Gate Driver is designed to drive
both the high side and the low side N-Channel MOSFETs in
a synchronous buck or a half bridge configuration. The float-
ing high-side driver is capable of working with supply volt-
ages up to 100V. The outputs are independently controlled.
The rising edge of each output can be independently de-
layed with a programming resistor. An integrated high volt-
age diode is provided to charge the high side gate drive
bootstrap capacitor. A robust level shifter operates at high
speed while consuming low power and providing clean level
transitions from control logic to the high side gate driver.
Under-voltage lockout is provided on both the low side and
the high side power rails. This device is available in the
standard MSOP-10 pin and the LLP-10 pin packages.
Features
n
Drives both a high side and low side N-channel
MOSFET
n
Independently programmable high and low side rising
edge delay
n
Bootstrap supply voltage range up to 118V DC
n
Fast turn-off propagation delay (25 ns typical)
n
Drives 1000 pF loads with 15 ns rise and fall times
n
Supply rail under-voltage lockout
n
Low power consumption
n
Timer can be terminated midway through sequence
Typical Applications
n
Current Fed push-pull power converters
n
Half and Full Bridge power converters
n
Synchronous Buck converters
n
Two switch forward power converters
n
Forward with Active Clamp converters
Package
n
MSOP-10
n
LLP-10 (4 mmx4mm)
Simplified Block Diagram
20088902
FIGURE 1.
January 2004
© 2004 National Semiconductor Corporation
DS200889
www.national.com


Similar Part No. - LM5102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5102 TI2-LM5102 Datasheet
1Mb / 24P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
REVISED DECEMBER 2014
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM/NOPB TI1-LM5102MM/NOPB Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102MM/NOPB TI2-LM5102MM/NOPB Datasheet
1Mb / 24P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
REVISED DECEMBER 2014
LM5102MM/NOPB.A TI2-LM5102MM/NOPB.A Datasheet
1Mb / 24P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
REVISED DECEMBER 2014
More results

Similar Description - LM5102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com