Electronic Components Datasheet Search
  English  ▼

X  

LM5102 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5102
Description  High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5102 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5102 Datasheet HTML 5Page - National Semiconductor (TI) LM5102 Datasheet HTML 6Page - National Semiconductor (TI) LM5102 Datasheet HTML 7Page - National Semiconductor (TI) LM5102 Datasheet HTML 8Page - National Semiconductor (TI) LM5102 Datasheet HTML 9Page - National Semiconductor (TI) LM5102 Datasheet HTML 10Page - National Semiconductor (TI) LM5102 Datasheet HTML 11Page - National Semiconductor (TI) LM5102 Datasheet HTML 12Page - National Semiconductor (TI) LM5102 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Operational Notes (Continued)
Diode Power Dissipation V
IN = 80V
20088906
Diode Power Dissipation V
IN = 40V
20088907
The total IC power dissipation can be estimated from the
above plots by summing the gate drive losses with the
bootstrap diode losses for the intended application. Because
the diode losses can be significant, an external diode placed
in parallel with the internal bootstrap diode (refer to Figure 4)
and can be helpful in removing power from the IC. For this to
be effective, the external diode must be placed close to the
IC to minimize series inductance and have a significantly
lower forward voltage drop than the internal diode.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com