Electronic Components Datasheet Search
  English  ▼

X  

LT1946 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1946
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1946 Datasheet HTML 4Page - Linear Technology LT1946 Datasheet HTML 5Page - Linear Technology LT1946 Datasheet HTML 6Page - Linear Technology LT1946 Datasheet HTML 7Page - Linear Technology LT1946 Datasheet HTML 8Page - Linear Technology LT1946 Datasheet HTML 9Page - Linear Technology LT1946 Datasheet HTML 10Page - Linear Technology LT1946 Datasheet HTML 11Page - Linear Technology LT1946 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1946
8
sn1946 1946fs
APPLICATIO S I FOR ATIO
Diode Selection
A Schottky diode is recommended for use with the LT1946.
The Microsemi UPS120 is a very good choice. Where the
input to output voltage differential exceeds 20V, use the
UPS140 (a 40V diode). These diodes are rated to handle an
average forward current of 1A. For applications where the
average forward current of the diode is less than 0.5A, an
ON Semiconductor MBR0520 diode can be used
Setting Output Voltage
To set the output voltage, select the values of R1 and R2
(see Figure 1) according to the following equation:
RR
V
V
OUT
12
125
1
= 


.
–
A good range for R2 is from 5k to 30k.
Layout Hints
The high speed operation of the LT1946 demands careful
attention to board layout. You will not get advertised
performance with careless layout. Figure 6 shows the
recommended component placement for a boost
converter.
FREQUENCY (Hz)
0
50
100
100
10k 25k
100k
1M
1946 F05a
–50
1k
FREQUENCY (Hz)
–100
0
100
10k 25k
100k
1M
1946 F05b
–200
–180
1k
60
°
Figure 5. Bode Plot of Figure 1’s Circuit
Figure 6. Recommended Component Placement for Boost Converter. Note Direct High Current Paths Using Wide PC Traces. Minimize
Trace Area at Pin 1 (VC) and Pin 2 (FB). Use Multiple Vias to Tie Pin 4 Copper to Ground Plane. Use Vias at One Location Only to Avoid
Introducing Switching Currents Into the Ground Plane
1
2
8
7
3
4
6
5
L1
C2
LT1946
VOUT
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
1946 F06
C1
CSS
CC
RC
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com