Electronic Components Datasheet Search
  English  ▼

X  

LT1946 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1946
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 2 Page - Linear Technology

  LT1946 Datasheet HTML 1Page - Linear Technology LT1946 Datasheet HTML 2Page - Linear Technology LT1946 Datasheet HTML 3Page - Linear Technology LT1946 Datasheet HTML 4Page - Linear Technology LT1946 Datasheet HTML 5Page - Linear Technology LT1946 Datasheet HTML 6Page - Linear Technology LT1946 Datasheet HTML 7Page - Linear Technology LT1946 Datasheet HTML 8Page - Linear Technology LT1946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1946
2
sn1946 1946fs
VIN Voltage ............................................................. 16V
SW Voltage ............................................... – 0.4V to 36V
FB Voltage ............................................................. 2.5V
SHDN Voltage ......................................................... 16V
Current Into FB Pin ..............................................
±1mA
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
MS8 PART MARKING
TJMAX = 125°C, θJA = 125°C/W
(4-LAYER BOARD)
LTUG
LT1946EMS8
(Note 1)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VSHDN = VIN unless otherwise specified. (Note 2)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.45
2.6
V
Maximum Operating Voltage
16
V
Feedback Voltage
1.230
1.250
1.270
V
q
1.220
1.270
V
FB Pin Bias Current
VFB = 1.250V (Note 3)
q
20
120
nA
Error Amp Transconductance
∆I = 2µA40
µmhos
Error Amp Voltage Gain
300
V/V
Quiescent Current
VSHDN = 2.5V, Not Switching
3.2
5
mA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 3V
0
1
µA
Reference Line Regulation
2.6V
≤ VIN ≤ 16V
0.01
0.05
%/V
Switching Frequency
0.9
1.2
1.4
MHz
q
0.8
1.5
MHz
Switching Frequency in Foldback
VFB = 0V
0.4
MHz
Maximum Duty Cycle
q
86
90
%
Switch Current Limit
(Note 4)
q
1.5
2.1
3.1
A
Switch VCESAT
ISW = 1A
240
340
mV
Switch Leakage Current
VSW = 5V
0.01
1
µA
Soft-Start Charging Current
VSS = 0.5V
2.5
4
6
µA
SHDN Input Voltage High
2.4
V
SHDN Input Voltage Low
0.5
V
SHDN Pin Bias Current
VSHDN = 3V
16
32
µA
VSHDN = 0V
0
0.1
µA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
VC
FB
SHDN
GND
8
7
6
5
SS
COMP
VIN
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1946E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current flows out of FB pin.
Note 4: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com