Electronic Components Datasheet Search
  English  ▼

X  

LT1946 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1946
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 3 Page - Linear Technology

  LT1946 Datasheet HTML 1Page - Linear Technology LT1946 Datasheet HTML 2Page - Linear Technology LT1946 Datasheet HTML 3Page - Linear Technology LT1946 Datasheet HTML 4Page - Linear Technology LT1946 Datasheet HTML 5Page - Linear Technology LT1946 Datasheet HTML 6Page - Linear Technology LT1946 Datasheet HTML 7Page - Linear Technology LT1946 Datasheet HTML 8Page - Linear Technology LT1946 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1946
3
sn1946 1946fs
TYPICAL PERFOR A CE CHARACTERISTICS
Feedback Pin Voltage
TEMPERATURE (
°C)
–50
1.27
25
1946 G01
1.24
1.22
–25
0
50
1.21
1.20
1.28
1.26
1.25
1.23
75
100
125
FEEDBACK VOLTAGE (V)
0
1400
1200
1000
800
600
400
200
0
0.6
1.0
1946 G02
0.2
0.4
0.8
1.2
TA = –30°CTA = 100°C
TA = 25°C
TEMPERATURE (
°C)
–50
0
0.6
0.4
0.2
0.8
1.0
1.4
1.2
2.6
2.4
2.2
2.0
–25
25
50
125
1946 G03
1.6
1.8
0
75
100
Oscillator Frequency
Current Limit
Switch Saturation Voltage
Quiescent Current
Switching Waveforms
for Figure 1 Circuit
SWITCH CURRENT (A)
0
0.20
0.25
0.30
1.2
1946 G04
0.15
0.10
0.4
0.8
0.2
1.4
0.6
1.0
1.6
0.05
0
0.35
TEMPERATURE (
°C)
–50
2.0
2.2
2.6
2.8
3.0
75
100
3.8
1946 G05
2.4
–25
0
25
50
125
3.2
3.4
3.6
VOUT
20mV/DIV
AC COUPLED
VSW
5V/DIV
0V
ILI
0.5A/DIV
AC COUPLED
0.5
µs/DIV
1946 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com