Electronic Components Datasheet Search
  English  ▼

X  

LT1946 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1946
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1946 Datasheet HTML 3Page - Linear Technology LT1946 Datasheet HTML 4Page - Linear Technology LT1946 Datasheet HTML 5Page - Linear Technology LT1946 Datasheet HTML 6Page - Linear Technology LT1946 Datasheet HTML 7Page - Linear Technology LT1946 Datasheet HTML 8Page - Linear Technology LT1946 Datasheet HTML 9Page - Linear Technology LT1946 Datasheet HTML 10Page - Linear Technology LT1946 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1946
7
sn1946 1946fs
APPLICATIO S I FOR ATIO
Compensation—Theory
Like all other current mode switching regulators, the
LT1946 needs to be compensated for stable and efficient
operation. Two feedback loops are used in the LT1946: a
fast current loop which does not require compensation,
and a slower voltage loop which does. Standard Bode plot
analysis can be used to understand and adjust the voltage
feedback loop.
As with any feedback loop, identifying the gain and phase
contribution of the various elements in the loop is critical.
Figure 4 shows the key equivalent elements of a boost
converter. Because of the fast current control loop, the
power stage of the IC, inductor and diode have been
replaced by the equivalent transconductance amplifier
gmp. gmp acts as a current source where the output current
is proportional to the VC voltage. Note that the maximum
output current of gmp is finite due to the current limit in the
IC.
From Figure 4, the DC gain, poles and zeroes can be
calculated as follows:
Output Pole: P1=
2
2• •R
Error Amp Pole: P2 =
1
2• •R
Error Amp Zero: Z1=
1
2• •R
DC GAIN: A =
1.25
V
ESR Zero:
RHP Zero: Z3 =
High Frequency Pole: P3 >
L
O
C
OUT
π
π
π
=
π
π
•
•
•
••
•
•
••
•
•
••
•
C
C
C
gR
g
R
Z
ESR C
VR
VL
f
OUT
C
C
ma
O
mp
L
OUT
IN
L
OUT
S
2
1
2
2
3
2
2
–
+
gma
RC
RO
R2
CC: COMPENSATION CAPACITOR
COUT: OUTPUT CAPACITOR
gma: TRANSCONDUCTANCE AMPLIFIER INSIDE IC
gmp: POWER STAGE TRANSCONDUCTANCE AMPLIFIER
RC: COMPENSATION RESISTOR
RL: OUTPUT RESISTANCE DEFINED AS VOUT DIVIDED BY ILOAD(MAX)
RO: OUTPUT RESISTANCE OF gma
R1, R2: FEEDBACK RESISTOR DIVIDER NETWORK
1946 F04
R1
COUT
RL
VOUT
VC
CC
gmp
1.250V
REFERENCE
Figure 4. Boost Converter Equivalent Model
The Current Mode zero is a right half plane zero which can
be an issue in feedback control design, but is manageable
with proper external component selection.
Using the circuit of Figure 1 as an example, the following
table shows the parameters used to generate the Bode plot
shown in Figure 5.
Table 3. Bode Plot Parameters
Parameter
Value
Units
Comment
RL
18.6
Ω
Application Specific
COUT
20
µF
Application Specific
RO
10
M
Ω
Not Adjustable
CC
470
pF
Adjustable
RC
49.9
k
Ω
Adjustable
VOUT
8
V
Application Specific
VIN
3.3
V
Application Specific
gma
40
µmho
Not Adjustable
gmp
5
mho
Not Adjustable
L
5.4
µH
Application Specific
fS
1.2
MHz
Not Adjustable
From Figure 5, the phase is 120
° when the gain reaches
0dB giving a phase margin of 60
°. This is more than
adequate. The crossover frequency is 25kHz, which is
about three times lower than the frequency of the right half
plane zero Z2. It is important that the crossover frequency
be at least three times lower than the frequency of the RHP
zero to achieve adequate phase margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com