Electronic Components Datasheet Search
  English  ▼

X  

MSP4448G Datasheet(PDF) 32 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 32 Page - Micronas

Back Button MSP4448G Datasheet HTML 28Page - Micronas MSP4448G Datasheet HTML 29Page - Micronas MSP4448G Datasheet HTML 30Page - Micronas MSP4448G Datasheet HTML 31Page - Micronas MSP4448G Datasheet HTML 32Page - Micronas MSP4448G Datasheet HTML 33Page - Micronas MSP4448G Datasheet HTML 34Page - Micronas MSP4448G Datasheet HTML 35Page - Micronas MSP4448G Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
32
Micronas
MIXING UNIT
00 3Ahex
00 3Bhex
MIX1 Scale
MIX2 Scale
Defines the input scale value for the digital mixing unit
bit[15:8]
00hex
off
20hex
50% (
−6dB gain)
40hex
100% (0 dB gain)
7Fhex
200% (+6 dB gain = maximum gain)
Note: If the sum of both mixing inputs exceeds 100%, clipping may occur in the
successive processing.
VOL_MIX1
VOL_MIX2
BEEPER
00 14hex
Beeper Volume and Frequency
bit[15:8]
Beeper Volume
00hex
off
7Fhex
maximum volume
bit[7:0]
Beeper Frequency
01hex
16 Hz (lowest)
40hex
1kHz
FFhex
4kHz
BEEPER
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com