Electronic Components Datasheet Search
  English  ▼

X  

MSP4448G Datasheet(PDF) 25 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 25 Page - Micronas

Back Button MSP4448G Datasheet HTML 21Page - Micronas MSP4448G Datasheet HTML 22Page - Micronas MSP4448G Datasheet HTML 23Page - Micronas MSP4448G Datasheet HTML 24Page - Micronas MSP4448G Datasheet HTML 25Page - Micronas MSP4448G Datasheet HTML 26Page - Micronas MSP4448G Datasheet HTML 27Page - Micronas MSP4448G Datasheet HTML 28Page - Micronas MSP4448G Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
PRELIMINARY DATA SHEET
MSP 44x8G
Micronas
25
3.3.2.4. Read Registers on I2C Subaddress 11hex
Table 3–10: Read Registers on I2C Subaddress 11hex
Register
Address
Function
Name
STANDARD RESULT
00 7Ehex
STANDARD RESULT Register
Readback of the detected TV Sound or FM-Radio Standard
bit[15:0]
00 00hex Automatic Standard Detection could not find
a sound standard
00 02hex MSP Standard Codes (see Table 3–8)
...
00 40hex
>07 FFhex Automatic Standard Detection still active
STANDARD_RES
STATUS
02 00hex
STATUS Register
Contains all user relevant internal information about the status of the MSP
bit[15:10]
undefined
bit[8]
0/1
“1” indicates bilingual sound mode or SAP present
bit[7]
0/1
“1” indicates independent mono sound
(only for NICAM on MSP 4418G and MSP 4458G)
bit[6]
0/1
mono/stereo indication
bit[5,9]
00
analog sound standard (FM or AM) active
01
this pattern will not occur
10
digital sound (NICAM) available (MSP 4418G and
MSP 4458G only)
11
bad reception condition of digital sound (NICAM) due to:
a. high error rate
b. unimplemented sound code
c. data transmission only
bit[4]
0/1
low/high level of digital I/O pin D_CTR_I/O_1
bit[3]
0/1
low/high level of digital I/O pin D_CTR_I/O_0
bit[2]
0
detected secondary carrier (2nd A2 or SAP carrier)
1
no secondary carrier detected
bit[1]
0
detected primary carrier (Mono or MPX carrier)
1
no primary carrier detected
bit[0]
undefined
If STATUS change indication is activated by means of MODUS[1]: Each
change in the STATUS register sets the digital I/O pin D_CTR_I/O_1 to high
level. Reading the STATUS register resets D_CTR_I/O_1.
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com