Electronic Components Datasheet Search
  English  ▼

X  

MSP4448G Datasheet(PDF) 10 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 10 Page - Micronas

Back Button MSP4448G Datasheet HTML 6Page - Micronas MSP4448G Datasheet HTML 7Page - Micronas MSP4448G Datasheet HTML 8Page - Micronas MSP4448G Datasheet HTML 9Page - Micronas MSP4448G Datasheet HTML 10Page - Micronas MSP4448G Datasheet HTML 11Page - Micronas MSP4448G Datasheet HTML 12Page - Micronas MSP4448G Datasheet HTML 13Page - Micronas MSP4448G Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
10
Micronas
2.2.4. Automatic Sound Select
In the Automatic Sound Select mode, the dematrix
function is automatically selected based on the identifi-
cation information in the STATUS register. No I2C inter-
action is necessary when the broadcasted sound
mode changes (e.g. from mono to stereo).
The demodulator supports the identification check by
switching between mono compatible standards (stan-
dards that have the same FM mono carrier) automati-
cally and non-audible. If B/G-FM or B/G-NICAM is
selected, the MSP will switch between these stan-
dards. The same action is performed for the standards:
D/K1-FM, D/K2-FM, and D/K-NICAM. Switching is only
done in the absence of any stereo or bilingual identifi-
cation. If identification is found, the MSP keeps the
detected standard.
In case of high bit-error rates, the MSP 44x8G auto-
matically falls back from digital NICAM sound to ana-
log FM or AM mono.
Table 2–1 on page 11 summarizes all actions that take
place when Automatic Sound Select is switched on.
To provide more flexibility, the Automatic Sound Select
block prepares four different source channels of
demodulated sound (Fig. 2–2). By choosing one of the
four demodulator channels, the preferred sound mode
can be selected by means of the Source Select regis-
ters, independent for all MSP-outputs.
The following source channels of demodulated sound
are defined:
– “FM/AM” channel: Analog mono sound, stereo if
available. In case of NICAM, analog mono only
(FM or AM mono).
– “Stereo or A/B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains both languages A (left) and B
(right).
– “Stereo or A” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language A (on left and right).
– “Stereo or B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language B (on left and right).
Fig. 2–2 and Table 2–2 show the source channel
assignment of the demodulated signals in case of
Automatic Sound Select mode for all sound standards
(see Section 6.).
Note: The analog primary input channel contains the
signal of the mono FM/AM carrier or the L+R signal of
the MPX carrier. The secondary input channel con-
tains the signal of the second FM carrier, the L
−R sig-
nal of the MPX carrier, or the SAP signal.
Fig. 2–2: Source channel assignment of demodulated
signals in Automatic Sound Select Mode
2.2.5. Manual Mode
Fig. 2–3 shows the source channel assignment of
demodulated signals in case of manual mode. If man-
ual mode is required, more information can be found in
Section 6.7. “Demodulator Source Channels in Manual
Mode” on page 80.
Fig. 2–3: Source channel assignment of demodulated
signals in Manual Mode
Prescale
Automatic
Sound
Select
NICAM A
NICAM
FM/AM
Prescale
NICAM
FM/AM
Stereo or A/B
Stereo or A
Stereo or B
0
1
3
4
primary
channel
secondary
channel
LS Ch.
Matrix
SC2 Ch.
Matrix
Output-Ch.
Matrices must
be set once to
stereo
Prescale
primary
channel
secondary
channel
NICAM A
NICAM
FM/AM
Prescale
NICAM
FM/AM
(Stereo or A/B)
0
1
FM-Matrix
NICAM
LS Ch.
Matrix
SC2 Ch.
Matrix
Output-Ch.
Matrices
must be set
according
the standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com