Electronic Components Datasheet Search
  English  ▼

X  

MSP4448G Datasheet(PDF) 78 Page - Micronas

Part # MSP4448G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4448G Datasheet(HTML) 78 Page - Micronas

Back Button MSP4448G Datasheet HTML 74Page - Micronas MSP4448G Datasheet HTML 75Page - Micronas MSP4448G Datasheet HTML 76Page - Micronas MSP4448G Datasheet HTML 77Page - Micronas MSP4448G Datasheet HTML 78Page - Micronas MSP4448G Datasheet HTML 79Page - Micronas MSP4448G Datasheet HTML 80Page - Micronas MSP4448G Datasheet HTML 81Page - Micronas MSP4448G Datasheet HTML 82Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
78
Micronas
6.4.1. NICAM Mode Control/Additional Data Bits
Register
NICAM operation mode control bits and A[2:0] of the
additional data bits.
Format:
Important: “S” = Bit[0] indicates correct NICAM-syn-
chronization (S = 1). If S = 0, the MSP 4418/4458G
has not yet synchronized correctly to frame and
sequence, or has lost synchronization. The remaining
read registers are therefore not valid. The MSP mutes
the NICAM output automatically and tries to synchro-
nize again as long as any NICAM standard is selected
by the STANDARD SELECT register.
The operation mode is coded by C4-C1 as shown in
Table 6–10.
Note: It is not necessary to read out and evaluate the
C_AD_BITS. All evaluation is performed in the MSP
and indicated in the STATUS register.
6.4.2. Additional Data Bits Register
Contains the remaining 8 of the 11 additional data bits.
The additional data bits are not yet defined by the
NICAM 728 system.
Format:
6.4.3. CIB Bits Register
CIB bits 1 and 2 (see NICAM 728 specifications).
Format:
6.4.4. NICAM Error Rate Register
Average error rate of the NICAM reception in a time
interval of 182 ms, which should be close to 0. The ini-
tial and maximum value of ERROR_RATE is 2047.
This value is also active if no NICAM-standard is
selected. Since the value is achieved by filtering, a cer-
tain transition time (approx. 0.5 sec) is unavoidable.
Acceptable audio may have error rates up to a value of
700dec. Individual evaluation of this value by the con-
troller and an appropriate threshold may define the fall-
back mode from NICAM to FM/AM-Mono in case of
poor NICAM reception.
The bit error rate per second (BER) can be calculated
by means of the following formula:
BER = ERROR_RATE * 12.3*10−6 /s
MSB
C_AD_BITS 00 23hex
LSB
11
...
7654
3210
Auto
_FM
...
A[2]
A[1]
A[0]
C4
C3
C2
C1
S
Table 6–10: NICAM operation modes as defined by
the EBU NICAM 728 specification
C4
C3
C2
C1
Operation Mode
0
0
0
0
Stereo sound (NICAMA/B),
independent mono sound (FM1)
0
0
0
1
Two independent mono signals
(NICAMA, FM1)
0
0
1
0
Three independent mono channels
(NICAMA, NICAMB, FM1)
0
0
1
1
Data transmission only; no audio
1
0
0
0
Stereo sound (NICAMA/B), FM1
carries same channel
1
0
0
1
One mono signal (NICAMA). FM1
carries same channel as NICAMA
1
0
1
0
Two independent mono channels
(NICAMA, NICAMB). FM1 carries
same channel as NICAMA
1
0
1
1
Data transmission only; no audio
x
1
x
x
Unimplemented sound coding
option (not yet defined by EBU
NICAM 728 specification)
AUTO_FM: monitor bit for the AUTO_FM Status:
0: NICAM source is NICAM
1: NICAM source is FM
MSB
ADD_BITS 00 38hex
LSB
76
54321
0
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
MSB
CIB_BITS 00 3Ehex
LSB
76543210
xxxxxx
CIB1
CIB2
ERROR_RATE
00 57hex
Error free
0000hex
maximum error rate
07FFhex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com