Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 40Page - National Semiconductor (TI) PC87591S Datasheet HTML 41Page - National Semiconductor (TI) PC87591S Datasheet HTML 42Page - National Semiconductor (TI) PC87591S Datasheet HTML 43Page - National Semiconductor (TI) PC87591S Datasheet HTML 44Page - National Semiconductor (TI) PC87591S Datasheet HTML 45Page - National Semiconductor (TI) PC87591S Datasheet HTML 46Page - National Semiconductor (TI) PC87591S Datasheet HTML 47Page - National Semiconductor (TI) PC87591S Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
44
Revision 1.07
2.2.5
Development System Support
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
BE1-0
N/A
121,129
O
O1/2
VCC Byte Enable bits 1 and 0 on monitor bus
cycles.
BRKL_RSTO N/A
76
I
INT/O1/2
VCC Break Line and Reset Out. When the Core
bus is active, the pin is used as a BRKL input.
It Indicates to the core that a breakpoint is
needed once the currently fetched instruction
goes into execution.
When the core bus is not active, the signal is
used as a RSTO output. It indicates to the
system that an internal reset to the core and
its peripherals occurred.
BST2-0
N/A
69,
63-62
OO1/2
VCC Bus Status bits 2-0 on monitor bus cycles. In
DEV environment, these pins allow monitoring
of the external bus cycles. When OBR bit in
BCFG register is set, the internal bus cycles
are also visible on the external bus. See also
Table 41 on page 273.
CBRD
N/A
120
O
O1/2
VCC Core Bus Read Status on monitor bus
cycles.
Available in all modes. See Section 4.1.9 on
page 81.
PFS
N/A
70
O
O1/2
VCC Pipe Flow Status.
PLI
N/A
75
O
O1/2
VCC Pipe Long Instruction.
TCK
78
106
I
INTS
VCC JTAG Test Clock.
TDI
80
108
I
INT
VCC JTAG Test Data In.
TDO
79
107
O
O1/2
VCC JTAG Test Data Out.
TINT
77
105
O
OD2
VCC JTAG Test Interrupt.
TMS
81
109
I
INT
VCC JTAG Test Mode Select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com