Electronic Components Datasheet Search
  English  ▼

X  

PC87591S Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87591S Datasheet HTML 61Page - National Semiconductor (TI) PC87591S Datasheet HTML 62Page - National Semiconductor (TI) PC87591S Datasheet HTML 63Page - National Semiconductor (TI) PC87591S Datasheet HTML 64Page - National Semiconductor (TI) PC87591S Datasheet HTML 65Page - National Semiconductor (TI) PC87591S Datasheet HTML 66Page - National Semiconductor (TI) PC87591S Datasheet HTML 67Page - National Semiconductor (TI) PC87591S Datasheet HTML 68Page - National Semiconductor (TI) PC87591S Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 437 page
background image
3.0 Power, Reset and Clocks (Continued)
Revision 1.07
65
www.national.com
3.2
RESET SOURCES AND TYPES
The PC87591x has several input reset types:
●
VPP Power-Up reset (for VPP supplied functions only)
Activated when either VCC or VBAT is powered up after both have been off.
●
VCC Power-Up reset
Activated when VCC is powered up.
●
Warm reset
Activated on RESET1 input falling edge.
●
WATCHDOG and Debugger Interface resets:
— WATCHDOG reset
Activated on request from the TWD module (WATCHDOG signal is asserted); see Section 4.10 on page 164.
— Debugger Interface reset
Activated on request from the Debugger Interface module used during debug and flash updates; see Section 4.19
on page 248.
●
Host Domain reset
This is divided into two sub-groups: Host Domain Hardware and Host Domain Software reset. Combinations consist-
ing of the flowing events are used to trigger these reset operations:
— RESET1 active
— When VDD is active, RESET2 is active
— On VDD power-up
— A Software reset triggered by a write of 1 to bit 1 of SIOCF1 register in the SuperI/O Configuration registers; see
Section 6.1.8 on page 343
Unless otherwise noted, reset references throughout the PC87591x modules default to the following types:
●
For VPP retained functions: VPP Power-Up reset
●
For core domain functions and host-core interface functions: VCC Power-Up reset, Warm reset, WATCHDOG reset,
Debugger Interface reset and Software reset
●
For host domain functions: Host Domain reset
VCC
GND
Digital Ground Plane
Analog
AVCC
C3 0.1
C2
0.1
AGND
Analog Ground Plane
Power
+
C1
AD0
AD9
VIN0
VIN9
C4
22
+
22
VIN
µ
F
µ
F
µ
F
µ
F
L
1
10-100
µ
H
(3.3V)
ZL
DA0
DA3
VOUT0
VOUT3
Suspend
Digital
Power
(3.3V)
VDD
C5
0.1
C6
22
+
µ
F
µ
F
BAT
VBAT
(3.3V)
Digital
Power
Host
Backup
Power
C7
0.1
µ
F
PC87591x
Figure 11. PC87591x Power Supply Connection
KBVIN0
KBVIN7
KBVIN
KBSIN0
KBSIN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com